Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 61Page - Texas Instruments CDCE72010 Datasheet HTML 62Page - Texas Instruments CDCE72010 Datasheet HTML 63Page - Texas Instruments CDCE72010 Datasheet HTML 64Page - Texas Instruments CDCE72010 Datasheet HTML 65Page - Texas Instruments CDCE72010 Datasheet HTML 66Page - Texas Instruments CDCE72010 Datasheet HTML 67Page - Texas Instruments CDCE72010 Datasheet HTML 68Page - Texas Instruments CDCE72010 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
POWER UP RESET, POWER DOWN MODE AND RESET OR HOLD
POR
V
CC
PDor
Sleep
Reset
or
Hold
ResetSPIInterfaceandRegister12toDefault
Power AllClockingCircuitryDown
-ShutDown All AnalogCircuitry(/PD=0orSleep=0)
-ShutDown AllDigitalCircuitry(/PD=0orSleep=0)
-Disable AllOutputBuffers(/PD=0orSleep=0)
-LoadEEPROMIntoRAMWhenReleased(atRisingEdgeof/PD)
ResetDigitalCircuitry
-Disable AllOutputBuffers(When/RESET=0)
-ResetPLL (LoadWithRAMContentValuesatRisingEdge)
-ResetOutputDividersandPhase AdjustCircuitry(atRisingEdge)
WhenHoldFunctionIs Asserted
-Tri-statetheChargePumpOutputWhen/HOLD=0
HoldFunctionIsDeassertedWhen
-/HOLD=1andWeHaveValidReferenceClock
Reset
Hold
/PD
/Reset_Hold
REG12:
REG11:
REG4:
(ForceSleep/PDand/RESETor/HOLD)
LossofReference
Sleep
11
04
29
12
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
The CDCE72010 is designed to address various clock synchronization applications. Some functions can be set
to be in automatic and manual mode or some functions can be controlled by software or by the internal circuitry.
Figure 31 below explains the various functionalities of power up reset internal circuitry functionality, power down
functionality and reset functionality. The hold function shares the same block with Reset and one bit in the
EEPROM will select either function.
Figure 31. Powerup, Reset, and Powerdown Block Diagram
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com