Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 4Page - Texas Instruments CDCE72010 Datasheet HTML 5Page - Texas Instruments CDCE72010 Datasheet HTML 6Page - Texas Instruments CDCE72010 Datasheet HTML 7Page - Texas Instruments CDCE72010 Datasheet HTML 8Page - Texas Instruments CDCE72010 Datasheet HTML 9Page - Texas Instruments CDCE72010 Datasheet HTML 10Page - Texas Instruments CDCE72010 Datasheet HTML 11Page - Texas Instruments CDCE72010 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
AC/DC CHARACTERISTICS
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
over the specified industrial temperature range of –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SPI Output (MISO) / PLL Digital (Output Mode)
IOH
High-level output current
VCC = 3.3 V
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V
VO = 1.65 V
33
mA
High-level output voltage
VOH
VCC = 3 V
IOH = –100 µA
VCC–0.5
V
for LVCMOS outputs
Low-level output voltage
VOL
VCC = 3 V
IOL = 100 µA
0.3
V
for LVCMOS outputs
Output capacitance on
CO
VCC = 3.3 V; VO = 0 V or VCC
3
pF
MISO
IOZH
3-state output current
5
µA
VO= VCC
VO= 0V
IOZL
3-state output current
–5
µA
PLL Analog (Input Mode)
High-impedance state
IOZH LOCK
output current for PLL
VO = 3.3 V (PD is set low)
22
µA
LOCK output (2)
High-impedance state
IOZL LOCK
output current for PLL
VO = 0 V (PD is set low)
–22
µA
LOCK output
Positive input threshold
VT+
VCC = min to max
VCC × 0.55
V
voltage
Negative input threshold
VT–
VCC = min to max
VCC × 0.35
V
voltage
VBB
VCXO termination voltage
depends on the settings
IBB = –0.2mA
VBB
0.9
1.9
V
of the VCXO/AUX_IN
Depending on the setting
input buffers
Input Buffers Internal Termination Resistors (VCXO_IN,PRI_REF and SEC_REF)
Termination resistance(3)
Single ended
53
Ω
Phase Detector
Maximum charge pump
fCPmax
Default PFD pulse width delay
100
MHz
frequency
Charge Pump
Charge pump 3-state
ICP3St
0.5 V < VCP < VCC_CP – 0.5 V
15
nA
current
ICPA
ICP absolute accuracy
VCP = 0.5 VCC_CP; internal reference resistor
20
%
VCP = 0.5 VCC_CP; external reference resistor
ICPA
ICP absolute accuracy
5
%
12k
Ω (1%)
Sink/source current
0.5 V < VCP < VCC_CP – 0.5 V, SPI default
ICPM
4
%
matching
settings
IVCPM
ICP vs VCP matching
0.5 V < VCP < VCC_CP – 0.5 V
6
%
Voltage on STATUS PIN
12-k
Ω resitor to GND
VI_REF_CP
when configured as
(External current path for accurate charge
1.24
V
I_REF_CP
pump current)
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
160-k
Ω pull-down resistor
(3)
Termination resistor can vary by 20%.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com