Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 5Page - Texas Instruments CDCE72010 Datasheet HTML 6Page - Texas Instruments CDCE72010 Datasheet HTML 7Page - Texas Instruments CDCE72010 Datasheet HTML 8Page - Texas Instruments CDCE72010 Datasheet HTML 9Page - Texas Instruments CDCE72010 Datasheet HTML 10Page - Texas Instruments CDCE72010 Datasheet HTML 11Page - Texas Instruments CDCE72010 Datasheet HTML 12Page - Texas Instruments CDCE72010 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
AC/DC CHARACTERISTICS (CONTINUED)
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
over the specified industrial temperature range of –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS Output
Output frequency (see
fclk
Load = 5 pF to GND
250
MHz
Figure 2 )
High-level output voltage
VOH
VCC = min to max
IOH = –100 µA
VCC – 0.5
V
for LVCMOS outputs
Low-level output voltage
VOL
VCC = min to max
IOL=100 µA
0.3
V
for LVCMOS outputs
IOH
High-level output current
VCC = 3.3 V
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V,
VO = 1.65 V
33
mA
Phase offset without
VCXO at 491.52MHz, Output 1 is divide by
tpho
using available delay
16 and reference at 30.72MHz, M and N
13
ns
adjustment
delays are fixed to one value (set to 0).
tpd(LH)/
Propagation delay from
Crosspoint to VCC/2, load = 5 pF, (PLL
3.3
ns
tpd(HL)
VCXO_IN to Outputs
bypass mode)
Divide by 1 for all dividers
75
Skew, output-to-output
Divide by 16 for all dividers
75
tsk(o)
LVCMOS single-ended
ps
Divide by 1 for divider 1 divide by 16 for all
output
1400
other dividers
Output capacitance on Y0
CO
VCC = 3.3 V; VO = 0 V or VCC
5
pF
to Y8
CO
Output capacitance on Y9 VCC = 3.3 V; VO = 0 V or VCC
5
pF
3-state LVCMOS output
IOZH
VO = VCC
5
µA
current
3-state LVCMOS output
IOZL
VO = 0V
–5
µA
current
Power-down output
IOPDH
VO = VCC
25
µA
current
Power-down output
IOPDL
VO = 0V
5
µA
current
Duty cycle
LVCMOS
50% to 50%
45
55
%
tslew-rate
Output rise/fall slew rate
3.6
5.2
V/ns
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com