Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 6Page - Texas Instruments CDCE72010 Datasheet HTML 7Page - Texas Instruments CDCE72010 Datasheet HTML 8Page - Texas Instruments CDCE72010 Datasheet HTML 9Page - Texas Instruments CDCE72010 Datasheet HTML 10Page - Texas Instruments CDCE72010 Datasheet HTML 11Page - Texas Instruments CDCE72010 Datasheet HTML 12Page - Texas Instruments CDCE72010 Datasheet HTML 13Page - Texas Instruments CDCE72010 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
AC/DC CHARACTERISTICS (CONTINUED)
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
over the specified industrial temperature range of –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVDS Output
fclk
Output frequency
Open loop config. load, See Figure 2
0
800
MHz
|VOD|
Differential output voltage
RL = 100 Ω
160
270
mV
LVDS VOD magnitude
ΔVOD
50
mV
change
VOS
Offset voltage
–40°C to 85°C
1.24
V
ΔVOS
VOS magnitude change
40
mV
Short circuit VOUT+ to
VOUT = 0
27
mA
ground
Short circuit VOUT– to
VOUT = 0
27
mA
ground
Reference to output
VCXO at 491.52MHz, Output 1 is divide by
phase offset without using 16 and reference at 30.72MHz, M and N
tpho
(2)
14
ns
available delay
delays are fixed to one value (set to 0), PFD:
adjustment
240kHz, (M and N = 128)
tpd(LH)/
Propagation delay time,
Crosspoint to crosspoint, load, see Figure 2
3.0
ns
tpd(HL)
VCXO_IN to output
Divide by 1 for all dividers
45
Skew, output to output
Divide by 16 for all dividers
50
tsk(o)(3)
ps
LVDS output
Divide by 1 for divider 1
2800
Divide by 16 for all other dividers
Output capacitance on Y0
CO
VCC = 3.3 V; VO = 0 V or VCC
5
pF
to Y8
CO
Output capacitance on Y9 VCC = 3.3 V; VO = 0 V or VCC 5
7
pF
Power-down output
IOPDH
VO = VCC
25
µA
current
Power-down output
IOPDL
VO = 0V
5
µA
current
Duty cycle
45
55
%
tr/tf
Rise and fall time
20% to 80% of Voutpp
110
140
160
ps
LVCMOS-TO-LVDS(4)
Output skew between
tskP_C
LVCMOS and LVDS
Crosspoint to VCC/2
0.9
1.4
1.9
ns
outputs
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is valid only for same REF_IN clock and Y output clock frequency. It can be adjusted by the SPI controller (reference delay M and
VCXO delay N).
(3)
The tsk(o) specification is only valid for equal loading of all outputs.
(4)
Operating the LVCMOS or LVDS outputs above the maximum frequency will not cause a malfunction to the device, but the output signal
swing may no longer meet the output specification. The phase of LVCMOS is lagging in reference to the phase of LVDS.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com