Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 2 Page - Texas Instruments

  CDCE72010 Datasheet HTML 1Page - Texas Instruments CDCE72010 Datasheet HTML 2Page - Texas Instruments CDCE72010 Datasheet HTML 3Page - Texas Instruments CDCE72010 Datasheet HTML 4Page - Texas Instruments CDCE72010 Datasheet HTML 5Page - Texas Instruments CDCE72010 Datasheet HTML 6Page - Texas Instruments CDCE72010 Datasheet HTML 7Page - Texas Instruments CDCE72010 Datasheet HTML 8Page - Texas Instruments CDCE72010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
DESCRIPTION
PFD
Charge
Pump
P
PR
RII _
_II N
N
S
SE
E C
C_
_II N
N
A
Au
ux
xiilliia
arry
y IIn
np
pu
utt
VCXO/VCOIN
EEPROM
OutputDivider1
U0N
U0P
U1N
U1P
U2N
U2P
U3N
U3P
U4N
U4P
U5N
U5P
U6N
U6P
U7N
U7P
U8N
U8P
U9Nor AUXIN–
U9P or AUXIN+
OutputDivider2
OutputDivider3
OutputDivider4
OutputDivider5
OutputDivider6
OutputDivider7
OutputDivider8
PLL_LOCK
REF_SEL
POWERDOWN
RESET
HOLD
or
MODE_SEL
AUX_SEL
SPI_MISO
SPI_LE(CD1)
SPI_CLK(CD2)
SPI_MOSI(CD3)
Interface
&Control
Feedback
Divider
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
The CDCE72010 is a high-performance, low phase noise, and low skew clock synchronizer that synchronizes a
VCXO (Voltage Controlled Crystal Oscillator) or VCO (Voltage Controlled Oscillator) frequency to one of two
reference clocks. The clock path is fully programmable providing the user with a high degree of flexibility. The
following relationship applies to the dividers:
Frequency (VCXO_IN or AUX_IN) / Frequency (PRI_REF or SEC_REF) = (R*M) / (P*N)
The VC(X)O_IN clock operates up to 1.5GHz through the selection of external VC(X)O and loop filter
components. The PLL loop bandwidth and damping factor can be adjusted to meet different system
requirements.
The CDCE72010 can lock to one of two reference clock inputs (PRI_REF and SEC_REF) and supports
frequency hold-over mode for fail-safe and system redundancy. The outputs of the CDCE72010 are user
definable and can be any combination of up to 10 LVPECL/LVDS outputs or up to 20 LVCMOS outputs. The
built-in synchronization latches ensure that all outputs are synchronized for very low output skew.
All device settings, including output signaling, divider value selection, input selection, and many more, are
programmable with the SPI (4-wire Serial Peripheral Interface). The SPI allows individual control of the device
settings.
The device operates in a 3.3V environment and is characterized for operation from –40°C to +85°C.
Figure 1. High Level Block Diagram of the CDCE72010
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com