Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 3Page - Texas Instruments CDCE72010 Datasheet HTML 4Page - Texas Instruments CDCE72010 Datasheet HTML 5Page - Texas Instruments CDCE72010 Datasheet HTML 6Page - Texas Instruments CDCE72010 Datasheet HTML 7Page - Texas Instruments CDCE72010 Datasheet HTML 8Page - Texas Instruments CDCE72010 Datasheet HTML 9Page - Texas Instruments CDCE72010 Datasheet HTML 10Page - Texas Instruments CDCE72010 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
TIMING REQUIREMENTS
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
over recommended ranges of supply voltage, load, and operating free-air temperature
(1) (2) (3) (4)
PARAMETER
MIN
TYP
MAX
UNIT
PRI_REF/SEC_REFIN
fREF - Single
For single-ended inputs ( LVCMOS) on PRI_REF and SEC_REF
250
MHz
For differential inputs (LVDS and LVPECL) on PRI_REF and
fREF - Diff
SEC_REF
500
MHz
(R divider set to DIV2)
Duty Cycle
60%
Duty cycle of PRI_REF or SEC_REF at VCC/2
40%
Single
Duty Cycle
Duty cycle of PRI_REF or SEC_REF at VCC/2
40%
60%
Diff
VCXO_IN, AUX_IN
fREF - Single
For single-ended inputs ( LVCMOS)
250
MHz
fREF - Diff
For differential inputs (LVDS and LVPECL)
1500
MHz
Duty Cycle
60%
Duty cycle of PRI_REF or SEC_REF at VCC/2
40%
Single
Duty Cycle
Duty cycle of PRI_REF or SEC_REF at VCC/2
40%
60%
Diff
SPI/Control (SPI Bus Timing)
fCTRL_CLK
CTRL_CLK frequency
20
MHz
t2
SPI_MOSI to SPI_CLK setup time
10
ns
t3
SPI_MOSI to SPI_CLK hold time
10
ns
t4
SPI_CLK high duration
25
ns
t5
SPI_CLK low duration
25
ns
t1
SPI_LE to SPI_CLK setup time
10
ns
t6
SPI_CLK to SPI_LE setup time
10
ns
t7
SPI_LE pulse width
20
ns
t8
SPI_MISO to SPI_CLK data valid (first valid bit after LE)
10
ns
PD, RESET, Hold, REF_SEL
Rise and fall time of the PD, RESET, Hold, REF_SEL signal from 20%
tr/tf
4
ns
to 80% of VCC
(1)
From 250MHz to 500MHz is achieved by setting the divide by 2 in P’
(2)
If the feedback clock (derived from the VCXO input) is less than 2MHz, the device stays in normal operation mode but the frequency
detection circuitry resets the STATUS_VCXO signal and PLL_LOCK signal to low. Both status signals are no longer relevant. This
affects the HOLD-Over-Function as well as the PLL_LOCK signal is no longer valid.
(3)
Use a square wave for lower frequencies (< 80 MHz).
(4)
Slew rate requirement
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com