Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 3 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 3 Page - Analog Devices

  ADG526ATCHIPS Datasheet HTML 1Page - Analog Devices ADG526ATCHIPS Datasheet HTML 2Page - Analog Devices ADG526ATCHIPS Datasheet HTML 3Page - Analog Devices ADG526ATCHIPS Datasheet HTML 4Page - Analog Devices ADG526ATCHIPS Datasheet HTML 5Page - Analog Devices ADG526ATCHIPS Datasheet HTML 6Page - Analog Devices ADG526ATCHIPS Datasheet HTML 7Page - Analog Devices ADG526ATCHIPS Datasheet HTML 8Page - Analog Devices ADG526ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 3 of 20
SPECIFICATIONS
DUAL SUPPLY
VDD = 10.8 V to 16.5 V, VSS = −10.8 V to −16.5 V, unless otherwise noted.
Table 1.
Parameter
ADG526A/ADG527A
ADG526A
Unit
Comments
K Version
B Version
T Version
25°C
−40°C to +85°C
25°C
−40°C to +85°C
25°C
−55°C to +125°C
ANALOG SWITCH
Analog Signal Range
VSS
VSS
VSS
VSS
VSS
VSS
V min
VDD
VDD
VDD
VDD
VDD
VDD
V max
RON
280
280
280
Ω typ
−10 V ≤ VS ≤ +10 V, IDS = 1 mA;
see Figure 15
450
600
450
600
450
600
Ω max
300
400
300
400
Ω max
VDD = +15 V (±10%),
VSS = −15 V (±10%)
300
400
Ω max
VDD = +15 V (±5%),
VSS = −15 V (±5%)
RON Drift
0.6
0.6
0.6
%/°C typ
−10 V ≤ VS ≤ +10 V, IDS = 1 mA
RON Match
5
5
5
% typ
−10 V ≤ VS ≤ +10 V, IDS = 1 mA
IS (Off), Off Input Leakage
0.02
0.02
0.02
nA typ
V1 = ±10 V, V2 = 10 V;
see Figure 16
1
50
1
50
1
50
nA max
ID (Off), Off Output
Leakage
0.04
0.04
0.04
nA typ
V1 = ±10 V, V2 = 10 V;
see Figure 17
ADG526A
1
200
1
200
1
200
nA max
ADG527A
1
100
1
100
nA max
ID (On), On Channel
Leakage
0.04
0.04
0.04
nA typ
V1 = ±10 V, V2 = 10 V;
see Figure 18
ADG526A
1
200
1
200
1
200
nA max
ADG527A
1
100
1
100
nA max
IDIFF, Differential Off
Output Leakage
25
25
nA max
V1 = ±10 V, V2 = 10 V;
see Figure 19
(ADG527A Only)
DIGITAL CONTROL
VINH, Input High Voltage
2.4
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
0.8
V max
IINL or IINH
1
1
1
μA max
VIN = 0 to VDD
CIN, Digital Input
Capacitance
8
8
8
pF max
DYNAMIC
CHARACTERISTICS1
tTRANSITION
200
200
200
ns typ
V1 = ±10 V, V2 = 10 V;
see Figure 20
300
400
300
400
300
400
ns max
tOPEN
50
50
50
ns typ
See Figure 21
25
10
25
10
25
10
ns min
tON (EN, WR)
200
200
200
ns typ
See Figure 22 and Figure 23
300
400
300
400
300
400
ns max
tOFF (EN, RS)
200
200
200
ns typ
See Figure 22 and Figure 24
300
400
300
400
300
400
ns max
tW , Write Pulse Width
100
120
100
120
100
130
ns min
See Figure 13
tS, Address Enable Setup
Time
100
100
100
ns min
See Figure 13
tH, Address Enable Hold
Time
10
10
10
ns min
See Figure 13
tRS, Reset Pulse Width
100
100
100
ns min
See Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com