Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 19 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG526ATCHIPS Datasheet HTML 12Page - Analog Devices ADG526ATCHIPS Datasheet HTML 13Page - Analog Devices ADG526ATCHIPS Datasheet HTML 14Page - Analog Devices ADG526ATCHIPS Datasheet HTML 15Page - Analog Devices ADG526ATCHIPS Datasheet HTML 16Page - Analog Devices ADG526ATCHIPS Datasheet HTML 17Page - Analog Devices ADG526ATCHIPS Datasheet HTML 18Page - Analog Devices ADG526ATCHIPS Datasheet HTML 19Page - Analog Devices ADG526ATCHIPS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 19 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG526AKN
−40°C to +85°C
28-Lead PDIP
N-28
ADG526AKNZ1
−40°C to +85°C
28-Lead PDIP
N-28
ADG526AKR
−40°C to +85°C
28-Lead SOIC
RW-28
ADG526AKR-REEL
−40°C to +85°C
28-Lead SOIC
RW-28
ADG526AKRZ1
−40°C to +85°C
28-Lead SOIC
RW-28
ADG526AKRZ-REEL1
−40°C to +85°C
28-Lead SOIC
RW-28
ADG526AKP
−40°C to +85°C
28-Lead PLCC
P-28A
ADG526AKP-REEL
−40°C to +85°C
28-Lead PLCC
P-28A
ADG526AKPZ1
−40°C to +85°C
28-Lead PLCC
P-28A
ADG526AKPZ-REEL1
−40°C to +85°C
28-Lead PLCC
P-28A
ADG526ATQ
−55°C to +125°C
28-Lead CERDIP
Q-28
ADG526ABQ
−40°C to +85°C
28-Lead CERDIP
Q-28
ADG526ATCHIPS
DIE
ADG527AKN
−40°C to +85°C
28-Lead PDIP
N-28
ADG527AKNZ1
−40°C to +85°C
28-Lead PDIP
N-28
ADG527AKR
−40°C to +85°C
28-Lead SOIC
RW-28
ADG527AKR-REEL
−40°C to +85°C
28-Lead SOIC
RW-28
ADG527AKRZ1
−40°C to +85°C
28-Lead SOIC
RW-28
ADG527AKP
−40°C to +85°C
28-Lead PLCC
P-28A
ADG527AKPZ1
−40°C to +85°C
28-Lead PLCC
P-28A
1 Z = RoHS Compliant Part, # denotes RoHS complaint product, may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com