Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 9 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG526ATCHIPS Datasheet HTML 5Page - Analog Devices ADG526ATCHIPS Datasheet HTML 6Page - Analog Devices ADG526ATCHIPS Datasheet HTML 7Page - Analog Devices ADG526ATCHIPS Datasheet HTML 8Page - Analog Devices ADG526ATCHIPS Datasheet HTML 9Page - Analog Devices ADG526ATCHIPS Datasheet HTML 10Page - Analog Devices ADG526ATCHIPS Datasheet HTML 11Page - Analog Devices ADG526ATCHIPS Datasheet HTML 12Page - Analog Devices ADG526ATCHIPS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 9 of 20
DA
VSS
S8A
S7A
S6A
S5A
S4A
S3A
S2A
S1A
EN
A0
A1
A2
VDD
DB
S8B
S7B
S6B
S5B
S4B
S3B
S2B
S1B
GND
NC
RS
WR
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
20
10
19
11
18
12
17
13
16
14
15
NC = NO CONNECT
ADG527A
TOP VIEW
(Not to Scale)
Figure 5. ADG527A PDIP, SOIC Pin Configuration
128
27
26
2
3
4
5
6
7
8
9
10
11
25
24
23
22
21
20
19
NC = NO CONNECT
S7B
S6B
S5B
S4B
S3B
S2B
S1B
S7A
S6A
S5A
S4A
S3A
S2A
S1A
PIN 1
IDENTFIER
12
13
14
15
16
17
18
ADG527A
TOP VIEW
(Not to Scale)
Figure 6. ADG527A PLCC Pin Configuration
Table 5. ADG527A Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Most Positive Power Supply Potential.
2
DB
Drain Terminal. This pin can be an input or output.
3
RS
Reset. The RS signal clears both the address and enable data in the latches resulting in no output (all switches off).
4
S8B
Source Terminal. This pin can be an input or output.
5
S7B
Source Terminal. This pin can be an input or output.
6
S6B
Source Terminal. This pin can be an input or output.
7
S5B
Source Terminal. This pin can be an input or output.
8
S4B
Source Terminal. This pin can be an input or output.
9
S3B
Source Terminal. This pin can be an input or output.
10
S2B
Source Terminal. This pin can be an input or output.
11
S1B
Source Terminal. This pin can be an input or output.
12
GND
Ground (0 V) Reference.
13
WR
Write. The WR signal latches the state of the address control lines and the enable line.
14
NC
No Connect.
15
A2
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
16
A1
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
17
A0
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
18
EN
Enable. Active high logic control input.
19
S1A
Source Terminal. This pin can be an input or output.
20
S2A
Source Terminal. This pin can be an input or output.
21
S3A
Source Terminal. This pin can be an input or output.
22
S4A
Source Terminal. This pin can be an input or output.
23
S5A
Source Terminal. This pin can be an input or output.
24
S6A
Source Terminal. This pin can be an input or output.
25
S7A
Source Terminal. This pin can be an input or output.
26
S8A
Source Terminal. This pin can be an input or output.
27
VSS
Most Negative Power Supply Potential.
28
DA
Drain Terminal. This pin can be an input or output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com