Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 13 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG526ATCHIPS Datasheet HTML 9Page - Analog Devices ADG526ATCHIPS Datasheet HTML 10Page - Analog Devices ADG526ATCHIPS Datasheet HTML 11Page - Analog Devices ADG526ATCHIPS Datasheet HTML 12Page - Analog Devices ADG526ATCHIPS Datasheet HTML 13Page - Analog Devices ADG526ATCHIPS Datasheet HTML 14Page - Analog Devices ADG526ATCHIPS Datasheet HTML 15Page - Analog Devices ADG526ATCHIPS Datasheet HTML 16Page - Analog Devices ADG526ATCHIPS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 13 of 20
TIMING
Figure 13 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive;
therefore, while WR is held low, the latches are transparent and
the switches respond to the address and enable inputs. This
input data is latched on the rising edge of WR.
3V
0V
3V
0V
WR
EN, A0, A1,
A2, (A3)
1.5V
2.0V
0.8V
tW
tS
tH
Figure 13. Timing Sequence
Figure 14 shows the reset pulse width, tRS, and reset turn-off
time, tOFF (RS).
Note that all digital input signal rise and fall times are measured
from 10% to 90% of 3 V, tR = tF = 20 ns.
tRS
tOFF (RS)
3V
0V
VO
0V
RS
0.8V
1.5V
SWITCH
OUTPUT
Figure 14. Reset Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com