Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 11 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG526ATCHIPS Datasheet HTML 7Page - Analog Devices ADG526ATCHIPS Datasheet HTML 8Page - Analog Devices ADG526ATCHIPS Datasheet HTML 9Page - Analog Devices ADG526ATCHIPS Datasheet HTML 10Page - Analog Devices ADG526ATCHIPS Datasheet HTML 11Page - Analog Devices ADG526ATCHIPS Datasheet HTML 12Page - Analog Devices ADG526ATCHIPS Datasheet HTML 13Page - Analog Devices ADG526ATCHIPS Datasheet HTML 14Page - Analog Devices ADG526ATCHIPS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 11 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
The multiplexers are guaranteed functional with reduced single or dual supplies down to 4.5 V.
700
0
100
200
300
400
500
600
–20
–15
–10
–5
0
5
10
15
20
VD (VS) (V)
VDD = 10.8V
VSS = 0V
VDD = 15V
VSS = 0V
Figure 7. RON as a Function of VD (VS): Single-Supply Voltage, TA = 25°C
700
0
100
200
300
400
500
600
–20
–15
–10
–5
0
5
10
15
20
VD (VS) (V)
VDD = +5V
VSS = –5V
VDD = +10.8V
VSS = –10.8V
VDD = +15V
VSS = –15V
Figure 8. RON as a Function of VD (VS): Dual-Supply Voltage, TA = 25°C
100
10
1
0.1
0.01
25
35
45
55
65
75
85
95
105
115
125
TEMPERATURE (°C)
ID (ON)
ID (OFF)
VDD = +16.5V
VSS = –16.5V
IS (OFF)
Figure 9. Leakage Current as a Function of Temperature (Leakage Currents
Reduce as the Supply Voltages Reduce)
1.9
1.8
1.7
1.6
1.5
56789
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
Figure 10. Trigger Levels vs. Power Supply Voltage, Dual or Single Supply,
TA = 25°C
800
100
200
300
400
500
600
700
56789
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
SINGLE
SUPPLY
DUAL
SUPPLY
Figure 11. tTRANSITION vs. Supply Voltage: Dual and Single Supplies, TA = 25°C
(Note: For VDD and VSS <10 V; V1 = VDD/VSS, V2 = VSS/VDD; See Figure 20)
1.0
0.8
0.6
0.4
0.2
0
56789
10
11
12
13
15
17
14
16
SUPPLY VOLTAGE (V)
Figure 12. IDD vs. Supply Voltage: Dual or Single Supply, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com