Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 12 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG526ATCHIPS Datasheet HTML 8Page - Analog Devices ADG526ATCHIPS Datasheet HTML 9Page - Analog Devices ADG526ATCHIPS Datasheet HTML 10Page - Analog Devices ADG526ATCHIPS Datasheet HTML 11Page - Analog Devices ADG526ATCHIPS Datasheet HTML 12Page - Analog Devices ADG526ATCHIPS Datasheet HTML 13Page - Analog Devices ADG526ATCHIPS Datasheet HTML 14Page - Analog Devices ADG526ATCHIPS Datasheet HTML 15Page - Analog Devices ADG526ATCHIPS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 12 of 20
TERMINOLOGY
RON
Ohmic resistance between Terminal D and Terminal S.
RON Match
Difference between the RON of any two channels.
RON Drift
Change in RON vs. temperature.
IS (Off)
Source terminal leakage current when the switch is off.
ID (Off)
Drain terminal leakage current when the switch is off.
ID (On)
Leakage current that flows from the closed switch into the body.
VS (VD)
Analog voltage on Terminal S or Terminal D.
CS (Off)
Channel input capacitance for off condition.
CD (Off)
Channel output capacitance for off condition.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF (EN)
Delay time between the 50% and 10% points of the digital input
and switch off condition.
tTRANSITION
Delay time between the 50% and 90% points of the digital
inputs and switch on condition when switching from one
address state to another.
tOPEN
Off time measured between 50% points of both switches when
switching from one address state to another.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
VDD
Most positive voltage supply.
VSS
Most negative voltage supply.
IDD
Positive supply current.
ISS
Negative supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com