Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 14 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG526ATCHIPS Datasheet HTML 10Page - Analog Devices ADG526ATCHIPS Datasheet HTML 11Page - Analog Devices ADG526ATCHIPS Datasheet HTML 12Page - Analog Devices ADG526ATCHIPS Datasheet HTML 13Page - Analog Devices ADG526ATCHIPS Datasheet HTML 14Page - Analog Devices ADG526ATCHIPS Datasheet HTML 15Page - Analog Devices ADG526ATCHIPS Datasheet HTML 16Page - Analog Devices ADG526ATCHIPS Datasheet HTML 17Page - Analog Devices ADG526ATCHIPS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 14 of 20
TEST CIRCUITS
SD
VS
IDS
V1
RON =
V1
IDS
Figure 15. RON
A
V2
V1
IS (OFF)
D
EN
GND
VDD
VSS
VDD
VSS
0.8V
Figure 16. IS (Off)
VDD
VSS
VDD
VSS
D
A
EN
GND
0.8V
V2
V1
ID (OFF)
Figure 17. ID (Off)
VDD
VSS
VDD
VSS
V1
D
A
EN
GND
2.4V
V2
ID (ON)
Figure 18. ID (On)
IDIFF = IDA (OFF) – IDB (OFF)
VDD
VSS
VDD
VSS
DA
A
GND
V1
EN
V2
ADG527A
DB
A
0.8V
Figure 19. IDIFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com