Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 4 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 4 Page - Analog Devices

  ADG526ATCHIPS Datasheet HTML 1Page - Analog Devices ADG526ATCHIPS Datasheet HTML 2Page - Analog Devices ADG526ATCHIPS Datasheet HTML 3Page - Analog Devices ADG526ATCHIPS Datasheet HTML 4Page - Analog Devices ADG526ATCHIPS Datasheet HTML 5Page - Analog Devices ADG526ATCHIPS Datasheet HTML 6Page - Analog Devices ADG526ATCHIPS Datasheet HTML 7Page - Analog Devices ADG526ATCHIPS Datasheet HTML 8Page - Analog Devices ADG526ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 4 of 20
Parameter
ADG526A/ADG527A
ADG526A
Unit
Comments
K Version
B Version
T Version
25°C
−40°C to +85°C
25°C
−40°C to +85°C
25°C
−55°C to +125°C
Off Isolation
68
68
68
dB typ
VEN = 0.8 V, RL = 1 kΩ, CL =
15 pF,VS = 7 V rms, f = 100 kHz
50
50
50
dB min
VS = 7 V rms, f = 100 kHz
CS (Off)
5
5
5
pF typ
VEN = 0.8 V
CD (Off)
ADG526A
44
44
44
pF typ
VEN = 0.8 V
ADG527A
22
22
pF typ
QINJ, Charge Injection
4
4
4
pC typ
RS = 0 Ω, VS = 0 V;
see Figure 25
POWER SUPPLY
IDD
0.6
0.6
0.6
mA typ
VIN = VINL or VINH
1.5
1.5
1.5
mA max
ISS
20
20
20
μA typ
VIN = VINL or VINH
0.2
0.2
0.2
mA max
Power Dissipation
10
10
10
mW typ
28
28
28
mW max
1 Sample tested at 25°C to ensure compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com