Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 1 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 1 Page - Analog Devices

  ADG526ATCHIPS Datasheet HTML 1Page - Analog Devices ADG526ATCHIPS Datasheet HTML 2Page - Analog Devices ADG526ATCHIPS Datasheet HTML 3Page - Analog Devices ADG526ATCHIPS Datasheet HTML 4Page - Analog Devices ADG526ATCHIPS Datasheet HTML 5Page - Analog Devices ADG526ATCHIPS Datasheet HTML 6Page - Analog Devices ADG526ATCHIPS Datasheet HTML 7Page - Analog Devices ADG526ATCHIPS Datasheet HTML 8Page - Analog Devices ADG526ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CMOS Latched
8-/16-Channel Analog Multiplexers
ADG526A/ADG527A
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
44 V supply maximum rating
VSS to VDD analog signal range
Single- or dual-supply specifications
Wide supply ranges (10.8 V to 16.5 V)
Microprocessor compatible (100 ns WR pulse)
Extended plastic temperature range (−40°C to +85°C)
Low leakage (20 pA typical)
Low power dissipation (28 mW maximum)
Available in PDIP, CERDIP, SOIC, and PLCC packages
Superior alternative to DG526 and DG527
APPLICATIONS
Data acquisition systems
Communication systems
Automatic test equipment
Microprocessor controlled systems
GENERAL DESCRIPTION
The ADG526A and ADG527A are CMOS monolithic analog
multiplexers with 16 single channels and dual 8 channels,
respectively. On-chip latches facilitate microprocessor interfacing.
The ADG526A switches one of 16 inputs to a common output,
depending on the state of four binary addresses and an enable
input. The ADG527A switches one of eight differential inputs to
a common differential output, depending on the state of three
binary addresses and an enable input. Both devices have TTL
and 5 V CMOS logic-compatible digital inputs.
The ADG526A and ADG527A are designed on an enhanced
LC2MOS process that gives an increased signal capability of VSS
to VDD and enables operation over a wide range of supply
voltages. The devices can comfortably operate anywhere in the
10.8 V to 16.5 V single- or dual-supply range. These multiplexers
also feature high switching speeds and low RON.
FUNCTIONAL BLOCK DIAGRAMS
A0 A1 A2 A3 EN RS
DECODER/
LATCHES
WR
D
S16
S1
ADG526A
Figure 1. ADG526A
A0 A1 A2 EN RS
DECODER/
LATCHES
WR
DA
S8A
S1A
DB
S8B
S1B
ADG527A
Figure 2. ADG527A
PRODUCT HIGHLIGHTS
1.
Single- or Dual-Supply Specifications with a Wide
Tolerance. The devices are specified in the 10.8 V to
16.5 V range for both single and dual supplies.
2.
Easily Interfaced. The ADG526A and ADG527A can be
easily interfaced with microprocessors. The WR signal
latches the state of the address control lines and the enable
line. The RS signal clears both the address and enable data
in the latches, resulting in no output (all switches off). RS
can be tied to the microprocessor reset pin.
3.
Extended Signal Range. The enhanced LC2MOS
processing results in a high breakdown and an increased
analog signal range from VSS to VDD.
4.
Break-Before-Make Switching. Switches are guaranteed
break-before-make so that input signals are protected
against momentary shorting.
5.
Low Leakage. Leakage currents in the range of 20 pA
make these multiplexers suitable for high precision circuits.


Similar Part No. - ADG526ATCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG526ATE AD-ADG526ATE Datasheet
463Kb / 8P
CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
ADG526ATQ AD-ADG526ATQ Datasheet
463Kb / 8P
CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
More results

Similar Description - ADG526ATCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG526A AD-ADG526A Datasheet
463Kb / 8P
CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
ADG528A AD-ADG528A Datasheet
673Kb / 8P
CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
ADG528A AD-ADG528A_04 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528AKNZ AD-ADG528AKNZ Datasheet
146Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKPZ AD-ADG528AKPZ Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG527A AD-ADG527A_15 Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com