Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 8 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG526ATCHIPS Datasheet HTML 4Page - Analog Devices ADG526ATCHIPS Datasheet HTML 5Page - Analog Devices ADG526ATCHIPS Datasheet HTML 6Page - Analog Devices ADG526ATCHIPS Datasheet HTML 7Page - Analog Devices ADG526ATCHIPS Datasheet HTML 8Page - Analog Devices ADG526ATCHIPS Datasheet HTML 9Page - Analog Devices ADG526ATCHIPS Datasheet HTML 10Page - Analog Devices ADG526ATCHIPS Datasheet HTML 11Page - Analog Devices ADG526ATCHIPS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
NC
2
RS
3
S16
4
D
28
VSS
27
S8
26
S7
25
S15
5
S6
24
S14
6
S5
23
S13
7
S4
22
S12
8
S3
21
S11
9
S2
20
S10 10
S1
19
S9 11
EN
18
GND 12
A0
17
WR 13
A1
16
A3 14
A2
15
NC = NO CONNECT
ADG526A
TOP VIEW
(Not to Scale)
Figure 3. ADG526A PDIP, SOIC, and CERDIP Pin Configuration
128
27
26
2
3
4
5
6
7
8
9
10
11
25
24
23
22
21
20
19
NC = NO CONNECT
S15
S14
S13
S12
S11
S10
S09
S7
S6
S5
S4
S3
S2
S1
PIN 1
IDENTFIER
12
13
14
15
16
17
18
ADG526A
TOP VIEW
(Not to Scale)
Figure 4. ADG526A PLCC Pin Configuration
Table 4. ADG526A Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Most Positive Power Supply Potential.
2
NC
No Connect.
3
RS
Reset. The RS signal clears both the address and enable data in the latches resulting in no output (all switches off ).
4
S16
Source Terminal. This pin can be an input or output.
5
S15
Source Terminal. This pin can be an input or output.
6
S14
Source Terminal. This pin can be an input or output.
7
S13
Source Terminal. This pin can be an input or output.
8
S12
Source Terminal. This pin can be an input or output.
9
S11
Source Terminal. This pin can be an input or output.
10
S10
Source Terminal. This pin can be an input or output.
11
S9
Source Terminal. This pin can be an input or output.
12
GND
Ground (0 V) Reference.
13
WR
Write. The WR signal latches the state of the address control lines and the enable line.
14
A3
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
15
A2
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
16
A1
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
17
A0
Logic control inputs. Selects which source terminal is connected to the drain (D).
18
EN
Enable. Active high logic control input.
19
S1
Source Terminal. This pin can be an input or output.
20
S2
Source Terminal. This pin can be an input or output.
21
S3
Source Terminal. This pin can be an input or output.
22
S4
Source Terminal. This pin can be an input or output.
23
S5
Source Terminal. This pin can be an input or output.
24
S6
Source Terminal. This pin can be an input or output.
25
S7
Source Terminal. This pin can be an input or output.
26
S8
Source Terminal. This pin can be an input or output.
27
VSS
Most Negative Power Supply Potential.
28
D
Drain Terminal. This pin can be an input or output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com