Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG526ATCHIPS Datasheet(PDF) 16 Page - Analog Devices

Part # ADG526ATCHIPS
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526ATCHIPS Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG526ATCHIPS Datasheet HTML 12Page - Analog Devices ADG526ATCHIPS Datasheet HTML 13Page - Analog Devices ADG526ATCHIPS Datasheet HTML 14Page - Analog Devices ADG526ATCHIPS Datasheet HTML 15Page - Analog Devices ADG526ATCHIPS Datasheet HTML 16Page - Analog Devices ADG526ATCHIPS Datasheet HTML 17Page - Analog Devices ADG526ATCHIPS Datasheet HTML 18Page - Analog Devices ADG526ATCHIPS Datasheet HTML 19Page - Analog Devices ADG526ATCHIPS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 16 of 20
*SIMILAR CONNECTION FOR ADG527A.
5V
OUTPUT
ADG526A*
A2
A1
A0
2.4V
GND
S1
S2 TO S16
D
1kΩ
35pF
A3
50Ω
VIN
VDD
VSS
VDD
VSS
EN
WR
RS
OUTPUT
20%
50%
3V
0V
(WR)
DRIVE (VIN)
NOTE:
DEVICE MUST BE RESET PRIOR TO APPLYING WR PULSE.
tON (WR)
Figure 23. Write Turn-On Time, tON (WR)
*SIMILAR CONNECTION FOR ADG527A.
5V
OUTPUT
ADG526A*
A2
A1
A0
2.4V
GND
S1
S2 TO S16
D
1kΩ
35pF
A3
50Ω
VIN
VDD
VSS
VDD
VSS
EN
RS
WR
NOTE:
DEVICE WR MUST PULSE LOW PRIOR TO APPLYING RS PULSE.
80%
OUTPUT
50%
3V
0V
RS DRIVE (VIN)
tOFF (RS)
Figure 24. Reset Turn-Off, tOFF (RS)
*SIMILAR CONNECTION FOR ADG527A.
2.4V
ADG526A*
A2
A1
A0
S1
GND
RS
D
A3
50Ω
VIN
VDD
VSS
VDD
VSS
EN
WR
3V
VIN
0V
VO
QINJ = CL × ΔVO
ΔVO
VO
CL
1nF
RS
VS
Figure 25. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com