Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 30 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 30 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 26Page - PANDUIT CORP. H075X034H2T Datasheet HTML 27Page - PANDUIT CORP. H075X034H2T Datasheet HTML 28Page - PANDUIT CORP. H075X034H2T Datasheet HTML 29Page - PANDUIT CORP. H075X034H2T Datasheet HTML 30Page - PANDUIT CORP. H075X034H2T Datasheet HTML 31Page - PANDUIT CORP. H075X034H2T Datasheet HTML 32Page - PANDUIT CORP. H075X034H2T Datasheet HTML 33Page - PANDUIT CORP. H075X034H2T Datasheet HTML 34Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
30
Super-Tack Polyester Arc Flash Continuous Tapes
Part Number
Width
Height
Part Description
Labels
Per
Row
Std.
Pkg.
Qty.
(Roll)
In.
mm
In
mm
C400X600A41
4.00 101.6 6.00 152.4
Polyester safety label, DANGER header, red and black/white, 100 labels per roll.
1
1
C400X600A61
Polyester safety label, CAUTION header, yellow/black, 100 labels per roll.
C400X600AX1
Polyester safety label, NOTICE header, blue/white, 100 labels per roll.
C400X600AY1
Polyester safety label, SAFETY FIRST header, green/ white, 100 labels per roll.
C400X600AZ1
Polyester safety label, yellow header, 100 labels per roll.
C400X600Y81
Polyester safety label, yellow, 100 labels per roll.
Order number of labels required in multiples of Standard Package Quantity
Part Number
Width
Height
Part Description
Std.
Pkg.
Qty.
(Roll)
In.
mm
Ft
M
T400X000YX1
4.00
101.6
50.0
15.2
Polyester arc flash continuous tape, orange header.
1
T400X000A91
Polyester arc flash continuous tape, red header.
Order number of labels required in multiples of Standard Package Quantity
Super-Tack Polyester Facility Identification Labels
• Facility Identification created quickly to comply with workplace safety
regulations contributing to the protection of employees and equipment
from unexpected hazards
• Meets DIN 40050-9, IP69K for washdown applications
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 302°F (-40°C to 150°C)
• UL969 recognized; File # MH14979; cUL recognized,
C22.2 No. 0.15.01, File # MH14979
C400X600A41
C400X600AX1
C400X600A61
C400X600AY1
C400X600AZ1
C400X600Y81
T400X000YX1
T400X000A91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com