Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 17 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 17 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 13Page - PANDUIT CORP. H075X034H2T Datasheet HTML 14Page - PANDUIT CORP. H075X034H2T Datasheet HTML 15Page - PANDUIT CORP. H075X034H2T Datasheet HTML 16Page - PANDUIT CORP. H075X034H2T Datasheet HTML 17Page - PANDUIT CORP. H075X034H2T Datasheet HTML 18Page - PANDUIT CORP. H075X034H2T Datasheet HTML 19Page - PANDUIT CORP. H075X034H2T Datasheet HTML 20Page - PANDUIT CORP. H075X034H2T Datasheet HTML 21Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Contact Technical Support at 866.871.4571.
17
Raised Panel Push Button Labels
• Deliver the look of engraved laminated plates with the convenience of
printing on demand
• Strong holding power for rough, textured, and powder coated surfaces
• Provide crisp, clear, and durable legends for your reliable,
high-performance identification needs
• Meet ASTM G154 for outdoor durability (simulating 20 years of UV
resistance under normal conditions but not all outdoor exposure)
• Meets DIN 40050-9, IP69K for washdown applications
• Meet ASTM D3389 standard for abrasion resistance and also meet
solar application standards
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 212°F (-40°C to 100°C)
• UL969 recognized, File # MH14979; cUL recognized, C22.2 No.
0.15.01, File # MH14979
Part Number
Color
Width
Height
Print-On
Area Height
Hole
Diameter
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In. mm In.
mm
C120X150APT-22
White
1.20 30.5
1.50 38.1 0.45 11.4
0.87 22.0
3
500
C120X150A8T-22
Yellow
C120X150AST-22
Green
C120X150AWT-22
Red
C120X150A0T-22
Black
C120X190APT-22
White
1.90 48.3 0.85 21.6
C120X190A8T-22
Yellow
C120X190AST-22
Green
C120X190AWT-22
Red
C120X190A0T-22
Black
C180X180APT-30
White
1.80 45.7 1.80 45.7 0.36 9.1
1.18 30.0
2
C180X180A8T-30
Yellow
C180X180AST-30
Green
C180X180AWT-30
Red
C180X180A0T-30
Black
C240X240APT-30
White
2.40 61.0 2.40 61.0 0.90 22.9
1
C240X240A8T-30
Yellow
C240X240AST-30
Green
C240X240AWT-30
Red
C240X240A0T-30
Black
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com