Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 14 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 14 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 10Page - PANDUIT CORP. H075X034H2T Datasheet HTML 11Page - PANDUIT CORP. H075X034H2T Datasheet HTML 12Page - PANDUIT CORP. H075X034H2T Datasheet HTML 13Page - PANDUIT CORP. H075X034H2T Datasheet HTML 14Page - PANDUIT CORP. H075X034H2T Datasheet HTML 15Page - PANDUIT CORP. H075X034H2T Datasheet HTML 16Page - PANDUIT CORP. H075X034H2T Datasheet HTML 17Page - PANDUIT CORP. H075X034H2T Datasheet HTML 18Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
14
Halogen-Free Two-Sided Heat Shrink Labels
• Permanent, one-piece, heat shrink sleeve designed to provide clear,
durable identification of wires and cables
• Can be printed on both sides for improved visibility
• Meet SAE-AS5942, MIL-STD-883F Method 2015.13, Solutions A, B,
and D, and MIL-STD-202G Method 215K,Solutions A, C, and D when
printed with resin and hybrid thermal transfer ribbons
• Meet BS6853; 1999 Vehicle Category 1A for burning behavior and
toxic gas emissions; Smoke Density Class II
• Shrink ratio 2:1
• Use thermal transfer hybrid ribbon
• Temperature range: -22°F to 221°F (-30°C to 105°C)
Order number of labels required in multiples of Standard Package Quantity.
Part Number
Part Number
Diameter
Width
Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire
Range
Labels
Per
Row
Labels
Per
Roll
Std.
Pkg.
Qty.
(Roll)
In. mm In. mm In. mm In. mm In.
mm
H100X025HFT-2 H100X025HGT-2 0.13 3.1 1.00 25.4 0.25 6.4 0.06 1.5 0.13 3.3 22 – 18AWG
2
1000
1
H200X025HFT-2 H200X025HGT-2
2.00 50.8
1
500
H100X034HFT-2 H100X034HGT-2
0.19 4.7 1.00 25.4 0.34 8.6 0.09 2.3 0.19 4.8
18 – 12 AWG
2
1000
H200X034HFT-2 H200X034HGT-2
2.00 50.8
1
500
H100X044HFT-2 H100X044HGT-2
0.25 6.4 1.00 25.4 0.44 11.1 0.13 3.3 0.25 6.4
16 – 10 AWG
2
1000
H200X044HFT-2 H200X044HGT-2
2.00 50.8
1
500
H100X064HFT-2 H100X064HGT-2
0.38 9.7 1.00 25.4 0.64 16.2 0.19 4.8 0.38 9.7
12 – 6 AWG
2
1000
H200X064HFT-2 H200X064HGT-2
2.00 50.8
1
500
H100X084HFT-2 H100X084HGT-2 0.50 12.7 1.00 25.4 0.84 21.3 0.25 6.4 0.50 12.7 8 – 1AWG
2
1000
H200X084HFT-2 H200X084HGT-2
2.00 50.8
1
500
H100X165HFT-2 H100X165HGT-2 1.00 25.4 1.00 25.4 1.65 41.9 0.50 12.7 1.00 25.4 8AWG – 500
MCM
2
H200X165HFT-2 H200X165HGT-2
2.00 50.8
1
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com