Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 18 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 18 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 14Page - PANDUIT CORP. H075X034H2T Datasheet HTML 15Page - PANDUIT CORP. H075X034H2T Datasheet HTML 16Page - PANDUIT CORP. H075X034H2T Datasheet HTML 17Page - PANDUIT CORP. H075X034H2T Datasheet HTML 18Page - PANDUIT CORP. H075X034H2T Datasheet HTML 19Page - PANDUIT CORP. H075X034H2T Datasheet HTML 20Page - PANDUIT CORP. H075X034H2T Datasheet HTML 21Page - PANDUIT CORP. H075X034H2T Datasheet HTML 22Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
18
Raised Panel Push Button Over-Laminate Labels
Order number of labels required in multiples of Standard Package Quantity.
• Provide additional print protection in harsh environments
• Over-laminates are not printable
• Temperature range: -51°F to 275°F (-46°C to 135°C)
Part Number
Color
Width
Height
Hole
Diameter Labels
Per
Roll
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
C120X150YK-22
Clear
1.20 30.5
1.50 38.1
0.87 22.0
3
500
C120X190YK-22
1.90 48.3
C180X180YK-30
1.80 45.7 1.80 45.7 1.18 30.0
2
C240X240YK-30
2.40 60.9 2.40 60.9 1.18 30.0
1
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.
Raised Panel Half Push Button Labels
• Deliver the look of engraved laminated plates with the
convenience of printing on demand
• Strong holding power for rough, textured, and
powder-coated surfaces
• Provide crisp, clear, and durable legends for your reliable,
high-performance identification needs
• Meets DIN 40050-9, IP69K for washdown applications
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 212°F (-40°C to 100°C)
• UL969 recognized, File # MH14979; cUL recognized,
C22.2 No. 0.15.01, File # MH14979
Part Number
Color
Width
Height
Print-On
Area Height
Hole
Diameter Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In. mm In.
mm
C180X130APT-30H
White
1.80 45.7 1.30 33.0 0.73 18.5
1.18 30.0
1
500
C240X200APT-30H
2.40 61.0 2.00 50.8 1.43 36.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com