Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 7Page - PANDUIT CORP. H075X034H2T Datasheet HTML 8Page - PANDUIT CORP. H075X034H2T Datasheet HTML 9Page - PANDUIT CORP. H075X034H2T Datasheet HTML 10Page - PANDUIT CORP. H075X034H2T Datasheet HTML 11Page - PANDUIT CORP. H075X034H2T Datasheet HTML 12Page - PANDUIT CORP. H075X034H2T Datasheet HTML 13Page - PANDUIT CORP. H075X034H2T Datasheet HTML 14Page - PANDUIT CORP. H075X034H2T Datasheet HTML 15Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Contact Technical Support at 866.871.4571.
11
Standard Marker Plates
• Non-adhesive and halogen free; used to identify wires, cables,
equipment, and many other applications
• Attachable in horizontal or vertical orientation. The 0.5" Plenum
rated and 0.33" non-Plenum rated Hook & Loop Cable Ties can be
used in hanging position
• Meets the outgassing requirements of ASTM E-595 suitable
for use in air handling spaces
• Available in a variety of colors and sizes
• Use thermal transfer resin ribbon
• Temperature range: -58°F to 221°F (-50°C to 105°C)
Part Number
Color
Width
Height
Print-On Area
Width
Cable Type
Labels
Per
Roll
Std.
Pkg.
Qty.
(Roll)
In.
mm
In.
mm
In.
mm
M200X050Y6T
TIA Yellow
2.00 50.8
0.50
12.7
1.07
27.3
Intermediate Cross Section Cable Ties
500
1
M200X050Y7T
White
M200X050ACT
TIA Blue
M200X050AET
TIA Green
M200X050AFT
TIA Gray
M200X050AGT
TIA Orange
M200X050AIT
TIA Red
M200X100Y6T
TIA Yellow
1.00
25.4
0.80
20.3
Standard Cross Section Cable Ties
M200X100Y6T-B
2000
M200X100Y7T
White
500
M200X100Y7T-B
2000
M200X100ACT
TIA Blue
500
M200X100AET
TIA Green
M200X100AFT
TIA Gray
M200X100AGT
TIA Orange
M200X100AIT
TIA Red
M300X050Y6T
TIA Yellow
3.00 76.2
0.50
12.7
2.07
52.6
Intermediate Cross Section Cable Ties
M300X050Y7T
White
M300X050ACT
TIA Blue
M300X050AET
TIA Green
M300X050AFT
TIA Gray
M300X050AGT
TIA Orange
M300X050AIT
TIA Red
M300X100Y6T
TIA Yellow
1.00
25.4
1.80
45.7
Standard Cross Section Cable Ties
M300X100Y7T
White
M300X100ACT
TIA Blue
M300X100AET
TIA Green
M300X100AFT
TIA Gray
M300X100AGT
TIA Orange
M300X100AIT
TIA Red
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com