Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 4Page - PANDUIT CORP. H075X034H2T Datasheet HTML 5Page - PANDUIT CORP. H075X034H2T Datasheet HTML 6Page - PANDUIT CORP. H075X034H2T Datasheet HTML 7Page - PANDUIT CORP. H075X034H2T Datasheet HTML 8Page - PANDUIT CORP. H075X034H2T Datasheet HTML 9Page - PANDUIT CORP. H075X034H2T Datasheet HTML 10Page - PANDUIT CORP. H075X034H2T Datasheet HTML 11Page - PANDUIT CORP. H075X034H2T Datasheet HTML 12Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
8
Flag Labels
• Halogen-free, white polyester flag-style marker for wire/cable labeling
• Improved legibility and more information on small wires and cables
provide clearer, more complete identification
• Innovative design allows the product to be applied as a permanent
adhesive label or as a repositionable non-adhesive label
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 302°F (-40°C to 150°C )
• UL969 recognized, File # MH14576 and File # MH14979;
cUL recognized C22.2 No. 0.15-01, File # MH14979
Part Number
Width
Height
Print-On Area
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Std.
Pkg.
Qty.
Roll
In.
mm
In.
mm
Width
Height
In.
mm
In.
mm
F100X150AJT
1.00 25.4
1.50
38.1
0.88 22.4
0.75 19.1 0.12
3.1
0.18
5.1
12 – 10 AWG
2500
F100X213AJT
2.13
54.1
0.32
8.1
0.38
9.7
3 – 2 AWG
F100X300AJT
3.00
76.2
2.00 50.8
0.09
2.3
0.28
7.1
18 – 6 AWG
F100X363AJT
3.63
92.2
0.21
5.1
0.46
11.7
8 – 1 AWG
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME Printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.
Part Number
Color Part Description
Std.
Pkg.
Qty.
NWSLC2-2Y
Yellow Yellow cable identification sleeve for 2mm simplex cable, 2 inches long, use with labels: S200X150YAJ
(Laser/Inkjet) or S200X150VATY (Thermal Transfer Printer).
100
NWSLC2-2Y-AQ
Aqua Aqua cable identification sleeve for 2mm simplex cable, 2 inches long, use with labels: S200X150YAJ
(Laser/Inkjet) or S200X150VATY (Thermal Transfer Printer).
NWSLC2-3Y
Orange Orange cable identification sleeve for 3mm simplex cable, 2 inches long, use with labels: S200X150YAJ
(Laser/Inkjet) or S200X150VATY (Thermal Transfer Printer).
NWSLC2-7Y
White White cable identification sleeve for 3mm duplex fiber cable, 2 inches long, use with labels: S200X225YAJ
(Laser/Inkjet) S200X225VATY (Thermal Transfer Printer).
Order number of labels required in multiples of Standard Package Quantity.
LabelCore™ Fiber Optic Cable Identification System (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com