Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 9 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 5Page - PANDUIT CORP. H075X034H2T Datasheet HTML 6Page - PANDUIT CORP. H075X034H2T Datasheet HTML 7Page - PANDUIT CORP. H075X034H2T Datasheet HTML 8Page - PANDUIT CORP. H075X034H2T Datasheet HTML 9Page - PANDUIT CORP. H075X034H2T Datasheet HTML 10Page - PANDUIT CORP. H075X034H2T Datasheet HTML 11Page - PANDUIT CORP. H075X034H2T Datasheet HTML 12Page - PANDUIT CORP. H075X034H2T Datasheet HTML 13Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Contact Technical Support at 866.871.4571.
9
Non-Laminated Vinyl Cloth Labels
• Thin and conformable material with repositionable
adhesive allows label to be removed and reused in
temporary applications
• Works well on Teflon®coated wires*
• Use thermal transfer hybrid ribbon
• Temperature range: -40° F to 170° F (-40° C to 77° C)
• UL969 recognized, File # MH14576 and MH14979; cUL
recognized, C22.2 No. 0.15.01, File # MH14576
Part Number
Print-On
Area
Color
Width
Length
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
N025X075CBT
White
0.25
6.4
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
7
10000
N025X125CBT
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
N025X150CBT
1.50
38.1
0.24
6.1
0.40
10.2
8 – 2 AWG
2500
N025X175CBT
1.75
44.5
0.28
7.1
0.48
12.2
6 – 1 AWG
10000
N050X075CBT
0.50 12.7
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
N050X100CBT
1.00
25.4
0.16
4.1
0.24
6.1
10 – 8 AWG
N050X125CBT
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
N050X150CBT
1.50
38.1
0.24
6.1
0.40
10.2
8 – 2 AWG
2500
N050X175CBT
1.75
44.5
0.28
7.1
0.48
12.2
6 – 1 AWG
N100X075CBT
1.00 25.4
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
3
10000
N100X125CBT
1.25
31.8
0.20
4.1
0.32
8.1
10 – 6 AWG
5000
N100X150CBT
1.50
38.1
0.24
6.1
0.40
10.2
8 – 2 AWG
N100X175CBT
1.75
44.5
0.28
7.1
0.48
12.2
6 – 1 AWG
2500
N150X075CBT
1.50 38.1 0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
1
5000
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME Printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.
*Teflon® is a registered trademark of E. I du Pont de Nemours and Company
Non-Laminated Nylon Cloth Labels
• Offer crisp, clear legends with superior legibility
• Used in flat applications and in a wrap format for wire/
cable marking
• Use thermal transfer resin ribbon
• Temperature range: -65°F to 275°F (-54°C to 135°C)
Part Number
Color
Width
Length
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
N050X075C1T
White
0.50 12.7
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
5
10000
N050X075C2T
Yellow
N050X125C1T
White
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
N050X125C2T
Yellow
N050X150C1T
White
1.50
38.1
0.24
6.1
0.40
10.5
8 – 2 AWG
5000
N050X125C2T
Yellow
N100X075C1T
White
1.00 25.4
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
3
10000
N100X075C2T
Yellow
N100X125C1T
White
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
5000
N100X125C2T
Yellow
N100X150C1T
White
1.50
38.1
0.24
6.1
0.40
10.2
8 – 2 AWG
N100X150C2T
Yellow
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME Printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com