Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 10 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 6Page - PANDUIT CORP. H075X034H2T Datasheet HTML 7Page - PANDUIT CORP. H075X034H2T Datasheet HTML 8Page - PANDUIT CORP. H075X034H2T Datasheet HTML 9Page - PANDUIT CORP. H075X034H2T Datasheet HTML 10Page - PANDUIT CORP. H075X034H2T Datasheet HTML 11Page - PANDUIT CORP. H075X034H2T Datasheet HTML 12Page - PANDUIT CORP. H075X034H2T Datasheet HTML 13Page - PANDUIT CORP. H075X034H2T Datasheet HTML 14Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
10
High-Temperature Flame-Retardant Marker Plates
• Used for identification markers in (Class 1E)
harsh environments
• Compatible with Intermediate Cross Section cable ties
• Use thermal transfer RMER4BL-A or RHER4BL-A resin ribbon
• Temperature range: -67°F to 275°F (-55°C to 135°C )
Part Number
Color
Width
Height
Print-On Area
Width
Labels
Per
Roll
Std.
Pkg.
Qty.
(Roll)
In.
mm
In.
mm
In.
mm
M200X042FQT
White
2.00
50.8
0.42
10.7
1.22
31.0
500
1
M200X042FQT-B
2000
M200X080FQT
0.80
20.3
250
M200X080FQT-B
1000
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.
Halogen-Free Flame-Retardant Marker Plates
• Used to identify wires, cables, equipment, and many
other applications
• Offer crisp, clear legend with superior legibility and
engineered to withstand high temperatures, harsh
solvents, oils, and chemicals without over-lamination
• Compatible with Intermediate Cross Section cable ties
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 193°F (-40°C to 90°C )
Part Number
Color
Width
Height
Print-On Area
Width
Labels
Per
Roll
Std.
Pkg.
Qty.
(Roll)
In.
mm
In.
mm
In.
mm
M200X042UPT
White
2.00
50.8
0.42
10.7
1.30
33.0
500
1
M200X042UPT-B
2000
M200X080UPT
0.80
20.3
500
M200X080UPT-B
2000
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com