Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 27 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 27 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 23Page - PANDUIT CORP. H075X034H2T Datasheet HTML 24Page - PANDUIT CORP. H075X034H2T Datasheet HTML 25Page - PANDUIT CORP. H075X034H2T Datasheet HTML 26Page - PANDUIT CORP. H075X034H2T Datasheet HTML 27Page - PANDUIT CORP. H075X034H2T Datasheet HTML 28Page - PANDUIT CORP. H075X034H2T Datasheet HTML 29Page - PANDUIT CORP. H075X034H2T Datasheet HTML 30Page - PANDUIT CORP. H075X034H2T Datasheet HTML 31Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Contact Technical Support at 866.871.4571.
27
Part Number
Color
Material
Temperature
Range
Width
Length
Std.
Pkg.
Qty.
(Roll)
In. mm Ft.
m
T024X000FJT*
White
Polyolefin
-40°F to 180°F (-40°C to 82°C)
0.24 6.1
100.0 30.5
1
T031X000FJT*
0.31 7.9
T038X000FJT*
0.38 9.7
T050X000FJT*
0.50 12.7
T100X000VP1Y
Vinyl
-58°F to 176°F (-50°C to 80°C) 1.00 25.4
T100X000VQ1Y
Blue
T100X000VS1Y
Green
T100X000VU1Y
Orange
T100X000VW1Y
Red
T100X000VX1Y
Yellow
T100X000VY1Y
Black
T100X000YK1
Clear
Polyester -40°F to 302°F (-40°C to 150°C)
T200X000VP1Y
White
Vinyl
-58°F to 176°F (-50°C to 80°C) 2.00 50.8
T200X000VQ1Y
Blue
T200X000VR1Y
Brown
T200X000VS1Y
Green
T200X000VT1Y
Gray
T200X000VU1Y
Orange
T200X000VV1Y
Purple
T200X000VW1Y
Red
T200X000VX1Y
Yellow
T200X000VY1Y
Black
T200X000YK1
Clear
Polyester -40°F to 302°F (-40°C to 150°C)
T400X000VP1Y
White
Vinyl
-58°F to 176°F (-50°C to 80°C 4.00 101.6
T400X000VQ1Y
Blue
T400X000VR1Y
Brown
T400X000VS1Y
Green
T400X000VT1Y
Gray
T400X000VU1Y
Orange
T400X000VV1Y
Purple
T400X000VW1Y
Red
T400X000VX1Y
Yellow
T400X000VY1Y
Black
T400X000YK1
Clear
Polyester -40°F to 302°F (-40°C to 150°C)
Continuous Tapes
• Offer crisp, clear legends with superior legibility
• Conformable material for flat applications and safety and
facility identification
• Can be over-laminated to increase durability (see page 28)
• Use thermal transfer resin ribbon
• For white, black, clear, blue, and yellow vinyl continuous tapes
only: UL969 recognized, File # MH14979; cUL recognized,
C22.2 No. 0.15.01, File # MH14979
Order number of rolls required in multiples of Standard Package Quantity.
*Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com