Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 13 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 13 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 9Page - PANDUIT CORP. H075X034H2T Datasheet HTML 10Page - PANDUIT CORP. H075X034H2T Datasheet HTML 11Page - PANDUIT CORP. H075X034H2T Datasheet HTML 12Page - PANDUIT CORP. H075X034H2T Datasheet HTML 13Page - PANDUIT CORP. H075X034H2T Datasheet HTML 14Page - PANDUIT CORP. H075X034H2T Datasheet HTML 15Page - PANDUIT CORP. H075X034H2T Datasheet HTML 16Page - PANDUIT CORP. H075X034H2T Datasheet HTML 17Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Contact Technical Support at 866.871.4571.
13
Military Grade Two-Sided Heat Shrink Labels
• Permanent, one-piece, heat shrink sleeve designed to provide
clear, durable identification of wires and cables
• Can be printed on both sides for improved visibility
• Meet the material requirements and physical properties of
AMS-DTL-23053/5C (Class 1 and Class 3) and UL standard 224
with a VW-1 rating
• Meet SAE-AS81531, MIL-STD-883F Method 2015.13,
Solutions A, B and D, and MIL-STD-202G Method 215K,
Solutions A,C and D when printed using resin
or hybrid thermal transfer ribbons
• Shrink ratio 3:1
• Tested as an identification marker for use in (Class 1E)
harsh environments
• Use thermal transfer hybrid ribbon
• Temperature range: -67°F to 275°F (-55°C to 135°C )
• UL224 recognized, File # E205133; CSA certified, C22.2
No. 198.1-06, File # 256205
Order number of labels required in multiples of Standard Package Quantity.
Part Number
Part Number
Diameter
Width
Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire
Range
Labels
Per
Row
Labels
Per
Roll
Std.
Pkg.
Qty.
(Roll)
In. mm In. mm In. mm In. mm In.
mm
H100X025H1T-2
H100X025H2T-2
0.13 3.1
1.00 25.4
0.25 6.4 0.04 1.0 0.13 3.3 22 – 18 AWG
2
1000
1
H100X025H1T-2-B H100X025H2T-2-B
5000
H200X025H1T-2
H200X025H2T-2
2.00 50.8
1
500
H200X025H1T-2-B H200X025H2T-2-B
2500
H100X034H1T-2
H100X034H2T-2
0.19 4.7
1.00 25.4
0.34 8.6 0.06 1.5 0.19 4.8 18 – 12 AWG
2
1000
H100X034H1T-2-B H100X034H2T-2-B
5000
H200X034H1T-2
H200X034H2T-2
2.00 50.8
1
500
H200X034H1T-2-B H200X034H2T-2-B
2500
H100X044H1T-2
H100X044H2T-2
0.25 6.3
1.00 25.4
0.44 11.2 0.08 2.0 0.25 6.4 16 – 10 AWG
2
1000
H100X044H1T-2-B H100X044H2T-2-B
5000
H200X044H1T-2
H200X044H2T-2
2.00 50.8
1
500
H200X044H1T-2-B H200X044H2T-2-B
2500
H100X064H1T-2
H100X064H2T-2
0.38 9.7
1.00 25.4
0.64 16.3 0.13 3.3 0.38 9.7 12 – 6 AWG
2
1000
H100X064H1T-2-B H100X064H2T-2-B
5000
H200X064H1T-2
H200X064H2T-2
2.00 50.8
1
500
H200X064H1T-2-B H200X064H2T-2-B
2500
H100X084H1T-2
H100X084H2T-2
0.50 12.7
1.00 25.4
0.84 21.3 0.17 4.3 0.50 12.7 8 – 1 AWG
2
1000
H100X084H1T-2-B H100X084H2T-2-B
5000
H200X084H1T-2
H200X084H2T-2
2.00 50.8
1
500
H200X084H1T-2-B H200X084H2T-2-B
2500
H100X122H1T-2
H100X122H2T-2
0.75 19.0 1.00 25.4 1.22 31.0 0.25 6.3 0.75 19.0 8 – 4/0 AWG
2
500
H200X122H1T-2
H200X122H2T-2
2.00 50.8
1
250
H100X165H1T-2
H100X165H2T-2
1.00 25.4 1.00 25.4 1.65 41.9 0.33 8.4 1.00 25.4 4 AWG – 500
MCM
2
500
H200X165H1T-2
H200X165H2T-2
2.00 25..4
1
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com