Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H075X034H2T Datasheet(PDF) 19 Page - PANDUIT CORP.

Part # H075X034H2T
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T Datasheet(HTML) 19 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 15Page - PANDUIT CORP. H075X034H2T Datasheet HTML 16Page - PANDUIT CORP. H075X034H2T Datasheet HTML 17Page - PANDUIT CORP. H075X034H2T Datasheet HTML 18Page - PANDUIT CORP. H075X034H2T Datasheet HTML 19Page - PANDUIT CORP. H075X034H2T Datasheet HTML 20Page - PANDUIT CORP. H075X034H2T Datasheet HTML 21Page - PANDUIT CORP. H075X034H2T Datasheet HTML 22Page - PANDUIT CORP. H075X034H2T Datasheet HTML 23Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Contact Technical Support at 866.871.4571.
19
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C100X050APT
White
1.00
25.4
0.50
12.7
3
500
C100X050A8T
Yellow
C100X050AST
Green
C100X050AUT
Orange
C100X050AWT
Red
C100X050A0T
Black
C100X050AMT
Silver
C125X030APT
White
1.25
31.8
0.30
7.6
1
C125X030A0T
Black
C170X090APT
White
1.70
43.2
0.90
22.9
C170X090A8T
Yellow
C170X090AST
Green
C170X090AWT
Red
C170X090AMT
Silver
C200X100APT
White
2.00
50.8
1.00
25.4
C200X100A8T
Yellow
C200X100AST
Green
C200X100AUT
Orange
C200X100AWT
Red
C200X100A0T
Black
C200X100AMT
Silver
C252X030APT
White
2.52
64.0
0.30
7.6
C252X030A0T
Black
C300X100APT
White
3.00
76.2
1.00
25.4
C300X100A8T
Yellow
C300X100AUT
Orange
C300X100AWT
Red
C300X100A0T
Black
C300X250APT
White
2.50
63.5
C300X250A8T
Yellow
C300X250AST
Green
C300X250AUT
Orange
C300X250AWT
Red
C300X250A0T
Black
C300X250AMT
Silver
C350X300APT
White
3.50
88.9
3.00
76.2
C350X300A8T
Yellow
C350X300AUT
Orange
C350X300A0T
Black
C379X030APT
White
3.79
96.3
0.30
7.6
C379X030AQT
Blue
C379X030AWT
Red
C379X030A0T
Black
C400X100APT
White
4.00 101.6 1.00
25.4
C400X100A8T
Yellow
C400X100AST
Green
C400X100AUT
Orange
C400X100AWT
Red
C400X100A0T
Black
C400X100AMT
Silver
Raised Panel Component Labels
• Deliver the look of engraved laminated plates with the convenience of
printing on demand
• Strong holding power for rough, textured, and powder-coated surfaces
• Provide crisp, clear, and durable legends for your reliable,
high-performance identification needs
• Meet ASTM G154 for outdoor durability (simulating 20 years of UV
resistance under normal conditions but not all outdoor exposure)
• Meets DIN 40050-9, IP69K for washdown applications
• Meet ASTM D3389 standard for abrasion resistance, and also meet
solar application standards
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 212°F (-40°C to 100°C)
• UL969 recognized, File # MH14979; cUL recognized, C22.2
No. 0.15.01, File # MH14979



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com