Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 59Page - STMicroelectronics PSD501B1 Datasheet HTML 60Page - STMicroelectronics PSD501B1 Datasheet HTML 61Page - STMicroelectronics PSD501B1 Datasheet HTML 62Page - STMicroelectronics PSD501B1 Datasheet HTML 63Page - STMicroelectronics PSD501B1 Datasheet HTML 64Page - STMicroelectronics PSD501B1 Datasheet HTML 65Page - STMicroelectronics PSD501B1 Datasheet HTML 66Page - STMicroelectronics PSD501B1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 153 page
background image
PSD5XX Family
60
APD EN Bit
ALE Power
ALE Status
APD Counter
Down Polarity
0
X
X
Not Counting
1
X
Pulsing
Not Counting
11
1
Counting (Activates Standby
Mode After 15 Clocks)
10
0
Counting (Activates Standby
Mode After 15 Clocks)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMR CLK
ZPLD
ZPLD
ZPLD
APD
ALE PD
*
RCLK
ACLK
TURBO
CMISER
ENABLE
Polarity
1 = OFF
1 = OFF
1 = OFF
1 = OFF
1 = ON
1 = ON
1 = HIGH
PMMR0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
*
*
**
**
Sleep
APD CLK
Mode
1 = ON
1 = CLKIN
PMMR1
Table 17. Power Management Mode Registers (PMMR0, PMMR1)
Table 18. APD Counter Operation
Power
Management
Unit
(Cont.)
Bit 0 * = Should be set to High (1) to operate the APD.
Bit 1 0 = ALE Power Down (PD) Polarity Low.
1 = ALE Power Down (PD) Polarity High.
Bit 2 0 = Automatic Power Down (APD) Disable.
1 = Automatic Power Down (APD) Enable.
Bit 3 0 = EPROM/SRAM CMiser is OFF.
1 = EPROM/SRAM CMiser is ON.
Bit 4 0 = ZPLD Turbo is ON. ZPLD is always ON.
1 = ZPLD Turbo is OFF. ZPLD will Power Down when inputs are not changing.
Bit 5 0 = ZPLD Clock Input into the Array from the CLKIN pin input is connected. Every
Clock change will Power Up the ZPLD when Turbo bit is OFF.
1 = ZPLD Clock Input into the Array from the CLKIN pin input is disconnected.
Bit 6 0 = ZPLD Clock Input into the the MacroCell registers from the CLKIN pin input
is connected.
1 = ZPLD Clock Input into the the MacroCell registers from the CLKIN pin input
is disconnected.
Bit 7 0 = In the PSD5XX Clock Input is connected to the Timer.
1 = In the PSD5XX Clock Input is disconnected from the Timer.
Bit 0
0 = Automatic Power Down Unit Clock is connected to Port E7 (PE7) alternate
function input.
1 = Automatic Power Down Unit Clock is connected to the PSD Clock
input (CLKIN).
Bit 1
0 = Sleep Mode Disabled.
1 = Sleep Mode Enabled.
Bit 2–7 0 = Reserved for future use, should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com