Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 29Page - STMicroelectronics PSD501B1 Datasheet HTML 30Page - STMicroelectronics PSD501B1 Datasheet HTML 31Page - STMicroelectronics PSD501B1 Datasheet HTML 32Page - STMicroelectronics PSD501B1 Datasheet HTML 33Page - STMicroelectronics PSD501B1 Datasheet HTML 34Page - STMicroelectronics PSD501B1 Datasheet HTML 35Page - STMicroelectronics PSD501B1 Datasheet HTML 36Page - STMicroelectronics PSD501B1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 153 page
background image
PSD5XX Family
30
9.2.3 PSD5XX Interface To Non-Multiplexed Bus
Figure 16 shows a PSD5XX interfacing to a microcontroller with a non-multiplexed
address/data bus. The address bus is connected to the ADIO Port, and the data bus is
connected to Port C and/or Port D, depending on the bus width. There is no need for the
ADIO Port to latch the address internally, but the user is offered the option to do so in the
PSD5XX PSDsoft Software. The data ports are in tri-state mode when the PSD5XX is not
accessed by the microcontroller.
Bus
Interface
(Cont.)
9.2.4 Data Byte Enable
Microcontrollers have different data byte orientations with regard to the data bus. The
following tables show how the PSD5XX handles the byte enable under different bus
configurations. Even byte refers to locations with address A0 equal to “0”, and odd byte as
locations with A0 equal to “1”.
BHE
A0
D7 – D0
X
0
Even Byte
X
1
Odd Byte
Table 6. 8-Bit Data Bus
Table 7. 16-Bit Data Bus With BHE
BHE
A0
D15 – D8
D7 – D0
0
0
Odd byte
Even byte
0
1
Odd byte
–
1
0
–
Even byte
WRH
WRL
D15 – D8
D7 – D0
0
0
Odd byte
Even byte
0
1
Odd byte
–
1
0
–
Even byte
Table 8. 16-Bit Data Bus With WRH and WRL
SIZ0
A0
D15 – D8
D7 – D0
0
0
Even byte
Odd byte
1
0
Even byte
–
1
1
–
Odd byte
Table 9. 16-Bit Data Bus With SIZ0, A0
LDS
UDS (A0)
D15 – D8
D7 – D0
0
0
Even byte
Odd byte
1
0
Even byte
–
0
1
–
Odd byte
Table 10. 16-Bit Data Bus With UDS, LDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com