Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 92 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 88Page - STMicroelectronics PSD501B1 Datasheet HTML 89Page - STMicroelectronics PSD501B1 Datasheet HTML 90Page - STMicroelectronics PSD501B1 Datasheet HTML 91Page - STMicroelectronics PSD501B1 Datasheet HTML 92Page - STMicroelectronics PSD501B1 Datasheet HTML 93Page - STMicroelectronics PSD501B1 Datasheet HTML 94Page - STMicroelectronics PSD501B1 Datasheet HTML 95Page - STMicroelectronics PSD501B1 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 153 page
background image
PSD5XX Family
89
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
****
FrezAck3
FrezAck2
FrezAck1
FrezAck0
NOTES: At RESET all these bits intialize as 0's.
* = Not used.
9.6.2.6 Status Flags Register
There are eight READ-ONLY status flags. The lower four bits represent Freeze
Acknowledge bits.
Counter/Timer
Registers
(Cont.)
FrezAck Bits
These Freeze Acknowledge bits are useful in the Freeze/Freeze Acknowledge protocol.
After the Microcontroller senses that the FrezAck bit is being set it proceeds to access the
Image Register for a read or write operation.
FrezAck0 Bit:
When this bit is
1:
Image Register Access is granted.
0:
Image Register Access is not granted.
FrezAck1 Bit:
When this bit is
1:
Image Register Access is granted.
0:
Image Register Access is not granted.
FrezAck2 Bit:
When this bit is
1:
Image Register Access is granted.
0:
Image Register Access is not granted.
FrezAck3 Bit:
When this bit is
1:
Image Register Access is granted.
0:
Image Register Access is not granted.
DLCY Register:
Bits
<4:0> of the DLCY register are used to assign Delay Cycles to the Counter/Timer.
Various Clock Scaling values possible are 0 through 31 (decimal).
At RESET these bits initialize as 0. If necessary, the user has the option to set these bits up
to generate Delay Cycles (DLCY) to scale down the Counter/Timer clock (see Table 24).
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
**
*
DLCY4
DLCY3
DLCY2
DLCY1
DLCY0
NOTE: * = Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com