Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 28Page - STMicroelectronics PSD501B1 Datasheet HTML 29Page - STMicroelectronics PSD501B1 Datasheet HTML 30Page - STMicroelectronics PSD501B1 Datasheet HTML 31Page - STMicroelectronics PSD501B1 Datasheet HTML 32Page - STMicroelectronics PSD501B1 Datasheet HTML 33Page - STMicroelectronics PSD501B1 Datasheet HTML 34Page - STMicroelectronics PSD501B1 Datasheet HTML 35Page - STMicroelectronics PSD501B1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 153 page
background image
PSD5XX Family
29
9.2
Bus
Interface
The Bus Interface is very flexible and can be configured to interface to most
microcontrollers with no glue logic. Table 4 lists some of the bus types to which the Bus
Interface is able to interface.
9.2.1 Bus Interface Configuration
The Bus Interface Logic is user configurable. The type of bus interface is specified by
the user in the PSDsoft software (PSD configuration). The bus control input pins have
multi-function capabilities. By choosing the right configuration, the PSD5XX is able to
interface to most microcontrollers, including the ones listed in Table 4. In Table 5, the
names of the bus control input signal pins and their multiple functions are shown. For
example, Pin PE0 can be configured by the PSD configuration software to perform any one
of the five functions. Examples on the interface between the PSD5XX and some typical
microcontrollers are shown in following sections.
Pin Name
Pin
Pin
Pin
Pin
Pin
Function
Function
Function
Function
Function
12
3
4
5
RD
RD
E
DS
LDS
WR
WR
R/W
WRL
PE0
BHE
PSEN
WRH
UDS
SIZ0
PE1
ALE
AD0
A0
BLE
Table 5. Alternate Pin Functions
9.2.2 PSD5XX Interface To a Multiplexed Bus
Figure 14 shows a typical connection to a microcontroller with a multiplexed bus. The ADIO
port of the PSD5XX is connected directly to the microcontroller address/data bus
(AD0-AD15 for 16 bit bus). The ALE input signal latches the address lines internally. In a
read bus cycle, data is driven out through the ADIO Port transceivers after the specified
access time. The internal ADIO Port connection for a 16 bit multiplexed bus is shown in
Figure 15. The ADIO port is in tri-state mode if none of the PSD5XX internal devices are
selected.
Multiplexed
Data Bus
Bus Control
Microcontroller
Width
Signals
Mux
8
WR, RD, PSEN, A0
8031/80C51
Mux/Non-mux
8/16
R/W, E, BHE, A0
68HC11
Mux
8/16
WR, RD, BHE, A0
80C196/80C186
Mux
16
WRL, RD, WRH, A0
80C196SP
Non-mux
16
R/W, LDS, UDS
68302
Non-mux
8/16
R/W, DS, SIZ0, A0
68340
Non-mux
16
R/W, DS, BHE, BLE
68330, 68331
Non-mux
8
RD, WR
68HC05C
Non-mux
16
R/W, E, LSTRB, A0
68HC12
Non-mux
16
R/W, DS
68HC16
Table 4. Typical Microcontroller Bus Types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com