Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 88 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 84Page - STMicroelectronics PSD501B1 Datasheet HTML 85Page - STMicroelectronics PSD501B1 Datasheet HTML 86Page - STMicroelectronics PSD501B1 Datasheet HTML 87Page - STMicroelectronics PSD501B1 Datasheet HTML 88Page - STMicroelectronics PSD501B1 Datasheet HTML 89Page - STMicroelectronics PSD501B1 Datasheet HTML 90Page - STMicroelectronics PSD501B1 Datasheet HTML 91Page - STMicroelectronics PSD501B1 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 153 page
background image
PSD5XX Family
85
Command Registers for Counter/Timers CMD0, CMD1, CMD2, CMD3 (Cont.)
Output Polarity Bit (3):
This bit is valid only in Waveform or Pulse mode and is
used to select the polarity of the Active output signal
of the Counter/Timer0. At RESET this bit initializes as 0
which means the Active output state is LOW. When this bit
is set to a
1: The Active output state is HIGH.
0: The Active output state is LOW.
Input Polarity Bit (4):
The state of this bit determines the polarity of the Active
input control signal to the Counter/Timer0 and is valid only
for input pin. At RESET this bit initializes as 0 which means
that the input Active is HIGH. When this bit is set to a
1: The input Active is LOW.
0: The input Active is HIGH.
Pin / PPLD Macrocell Bit (5): This bit determines whether the Counter/Timer0 gets its
input command for Load/Store and Enable/Disable from
the PSD5XX PIN or from the PPLD macrocell output.
At RESET this bit initializes as 0 which means that the
input command is coming from the PSD5XX PPLD
macrocell. When this bit is set to a
1: The Counter/Timer0 input command is coming from
the PIN.
0: The Counter/Timer0 input command is coming
from the PPLD macrocell output.
Software Gating Bit for
This bit gates the Load/Store command activated by the
Load/Store Commands (6):
PSD5XX PIN or PPLD macrocell. At RESET this bit
initializes as 0 which means that the Load/Store command
activated by the PIN or macrocell is permitted through.
When this bit is set to
1: Load/Store operation activated by PIN or Macrocell is
NOT permitted through.
0: Load/Store operation activated by PIN or macrocell is
permitted through. To further decide between the PIN
and PPLD macrocell, use bit 5 (PIN/PPLD macrocell).
Enable/Disable Using PIN,
This bit determines whether the Enable/Disable
PPLD Macrocell or Software command is activated by the PSD5XX Pin, PPLD macrocell
Bit (7):
or by Software. At RESET this bit initializes as 0, which
means that the Enable/Disable command is activated by
the PIN or PPLD macrocell. When this bit is set to
1: Enable/Disable command by PIN or macrocell is
overridden by Software (only Bit 2 of this register will
enable or disable the counter).
0: Enable/Disable command is activated by PIN or
Macrocell output. To further decide between the PIN and
PPLD macrocell use bit 5 (PIN / PPLD macrocell bit).
Counter/Timer
Registers
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com