Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 82 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 78Page - STMicroelectronics PSD501B1 Datasheet HTML 79Page - STMicroelectronics PSD501B1 Datasheet HTML 80Page - STMicroelectronics PSD501B1 Datasheet HTML 81Page - STMicroelectronics PSD501B1 Datasheet HTML 82Page - STMicroelectronics PSD501B1 Datasheet HTML 83Page - STMicroelectronics PSD501B1 Datasheet HTML 84Page - STMicroelectronics PSD501B1 Datasheet HTML 85Page - STMicroelectronics PSD501B1 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 153 page
background image
PSD5XX Family
79
DLCY
Scale Bit
DIV
00
4
10
5
20
6
30
7
40
8
50
9
60
10
70
11
80
12
90
13
10
0
14
11
0
15
12
0
16
13
0
17
14
0
18
15
0
19
16
0
20
17
0
21
18
0
22
19
0
23
20
0
24
21
0
25
22
0
26
23
0
27
24
0
28
25
0
29
26
0
30
27
0
31
28
0
32
29
0
33
30
0
34
31
0
35
DLCY
Scale Bit
DIV
11
40
21
48
31
56
41
64
51
72
61
80
71
88
81
96
9
1
104
10
1
112
11
1
120
12
1
128
13
1
136
14
1
144
15
1
152
16
1
160
17
1
168
18
1
176
19
1
184
20
1
192
21
1
200
22
1
208
23
1
216
24
1
224
25
1
232
26
1
240
27
1
248
28
1
256
29
1
264
30
1
272
31
1
280
Table 22. DLCY, Scale Bit and DIV to Generate Different Clock Divisions
Sample Calculation of Timer Input Clock
External input clock to the PSD5XX is 8 MHz.
If required Counter/Timers 0 – 3 count frequency is 1 MHz then
The Counter/Timer CLOCK Input
=
(External Clock input)
(DIV)
8 MHz
1 MHz =
=
>
(DIV) = 8
(DIV)
Therefore from Table 22 when (DIV) = 8, the Scale-Bit in the “Global Command Register” is
set to a 0 and the DLCY register to a value of 4.
Counter/Timer
Operation
(Cont.)
Counter/Timer Clock Input (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com