Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 86 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 82Page - STMicroelectronics PSD501B1 Datasheet HTML 83Page - STMicroelectronics PSD501B1 Datasheet HTML 84Page - STMicroelectronics PSD501B1 Datasheet HTML 85Page - STMicroelectronics PSD501B1 Datasheet HTML 86Page - STMicroelectronics PSD501B1 Datasheet HTML 87Page - STMicroelectronics PSD501B1 Datasheet HTML 88Page - STMicroelectronics PSD501B1 Datasheet HTML 89Page - STMicroelectronics PSD501B1 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 153 page
background image
PSD5XX Family
83
9.6.2.1 Global Command Register
This is used to specify the operation mode of the Counter/Timer and to start or stop the
Counter/Timer. Therefore during the initialization of the Counter/Timer registers, the Global
Command Register should always be configured last.
Counter/Timer
Registers
(Cont.)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
*
***
Watch
Global
Counter
Scale
Dog
Mode
Start
NOTE: * = Not used.
At RESET all bits come up as 0’s.
Watch Dog Bit:
When this bit is
0: Watch Dog mode is NOT selected.
1: Watch Dog Counter/Timer (Counter 2) is active. This bit can be
turned off by RESET only.
NOTE: Whenever this bit is set to 1, the COUNTER START bit should
also be set to 1. Otherwise the Counter/Timer will always be off,
i.e., once this bit is set, access to Counter 2 Registers and the Global
Command Registers are blocked.
Global Mode Bit:
When this bit is set to a
0: All Timers/Counters are set to Waveform or Pulse Mode.
1: All Timers/Counters are set to operate in Event Counter or Time
Capture Mode.
NOTE: Further selection of modes is done in individual CMD registers.
Counter Start Bit: When this bit is set to
0: ALL CTUs are disabled and can be re-initialized.
1: ALL CTUs are enabled.
Scale Bit:
When this bit is set to
0: The clock to all Counter/Timers is divided by 1.
1: The clock to all Counter/Timers is divided by 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com