Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 22Page - STMicroelectronics PSD501B1 Datasheet HTML 23Page - STMicroelectronics PSD501B1 Datasheet HTML 24Page - STMicroelectronics PSD501B1 Datasheet HTML 25Page - STMicroelectronics PSD501B1 Datasheet HTML 26Page - STMicroelectronics PSD501B1 Datasheet HTML 27Page - STMicroelectronics PSD501B1 Datasheet HTML 28Page - STMicroelectronics PSD501B1 Datasheet HTML 29Page - STMicroelectronics PSD501B1 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 153 page
background image
PSD5XX Family
23
The PSD5XX
Architecture
(cont.)
9.1.2.3 Port E Macrocell Structure
Figure 10 shows the PE Macrocell block, which consists of 8 identical macrocells. Each
macrocell output can be connected to its own I/O pin on Port E. There are 3 user
programmable global product terms output from the GPLD’s AND ARRAY which are shared
by all the macrocells in Port E:
t PE.OE
Enable or tri-state Port PE output pins
t PE.PR
Preset D flip flop in the macrocells
t PE.RE
Reset/Clear D flip flop in the macrocells
Two other inputs, CLKIN and MACRO-RST, are used as clock and clear inputs to the D flip
flop. The CLKIN comes directly from the CLKIN input pin. The MACRO-RST is the same as
the Reset input pin except it is user configurable.
The circuit of a PE Macrocell is shown in Figure 11. There are 4 product terms from the
GPLD’s AND ARRAY as input to the macrocell. Users can select the polarity of the output
and configure the macrocell to operate as:
t Registered Output
Select output from D flip flop
t Combinatorial Output
Select output from OR gate
t GPLD Input
Use Port E pin as dedicated input
t GPLD Output
Use Port E pin as dedicated output
t GPLD I/O
Use Port E pin as bidirectional pin
t Macrocell Feedback
Register feedback for state machine implementations or expander feedback from the
combinatorial output, to possibly expand the number of product terms available to
another macrocell.
In case of "Buried Feedback", where the output of the macrocell is not connected
to Port E pin, Port E can be configured to perform other user defined I/O functions.
If pins PE0 and PE1 are used as bus control signal inputs (ALE, PSEN/BHE), the
corresponding macrocells' feedbacks are disabled. The bus control signals are
connected to the ZPLD Input Bus.
The two global product terms assigned for asynchronous clear (PE.RE) and preset (PE.PR)
are mainly for proper PE Macrocell initialization.
The macrocell flip-flop can also be cleared during reset by MACRO-RST, if such an option
is chosen. The clock source is always the input clock CLKIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com