Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 53Page - STMicroelectronics PSD501B1 Datasheet HTML 54Page - STMicroelectronics PSD501B1 Datasheet HTML 55Page - STMicroelectronics PSD501B1 Datasheet HTML 56Page - STMicroelectronics PSD501B1 Datasheet HTML 57Page - STMicroelectronics PSD501B1 Datasheet HTML 58Page - STMicroelectronics PSD501B1 Datasheet HTML 59Page - STMicroelectronics PSD501B1 Datasheet HTML 60Page - STMicroelectronics PSD501B1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 153 page
background image
PSD5XX Family
54
9.4.4 Memory Select Map For 8031 Application
The 8031 family of microcontrollers has separate code memory space and data memory
space. This feature requires a different Memory Select Map. Two modes of operation are
provided for 8031 applications. The selection of the modes is specified in the PSD5XX
PSDsoft Software (PSDconfiguration):
t Separate Space Mode
In this mode, the PSEN signal is used to access code from EPROM, and the RD signal
is used to access data from SRAM. The code memory space is separated from the data
memory space.
t Combined Space Mode
In this mode, the EPROM can be accessed by PSEN or RD. The EPROM is used for
code and data storage. The memory block's address space cannot overlap.
If data and code memory blocks must overlap each other, the RD signal can be included as
an additional address input in generating the EPROM chip select signals (ES0 – ES3). In
this case the EPROM access time is from the RD valid to data valid. Figures 27a and 27b
show the memory configuration in the two modes.
In some applications it is desirable to execute program codes in SRAM. The PSD5XX
provides this option by enabling PSEN to access SRAM. To activate this option, the
SRCODE bit of the VM Register must be set to “1” (see Table 16). SRAM space can
overlap EPROM space and has priority when PSEN is used.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
*
***
**
SRCODE
PIO
1 = ON
1 = ON
* = Reserved for future use, bits set to zero.
Table 16. VM Register
Memory
Block
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com