Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 38Page - STMicroelectronics PSD501B1 Datasheet HTML 39Page - STMicroelectronics PSD501B1 Datasheet HTML 40Page - STMicroelectronics PSD501B1 Datasheet HTML 41Page - STMicroelectronics PSD501B1 Datasheet HTML 42Page - STMicroelectronics PSD501B1 Datasheet HTML 43Page - STMicroelectronics PSD501B1 Datasheet HTML 44Page - STMicroelectronics PSD501B1 Datasheet HTML 45Page - STMicroelectronics PSD501B1 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 153 page
background image
PSD5XX Family
39
There are 5 programmable 8-bit I/O ports: Port A, Port B, Port C, Port D and Port E. These
ports all have multiple operating modes, depending on the configuration. Some of the basic
functions are providing input/output for the ZPLD, the Counter/Timer, or can be used for
standard I/O. Each port pin is individually configurable, thus enabling a single 8-bit port to
perform multiple functions. The I/O ports occupy 256 bytes of memory space as defined by
“CSIOP”. Refer to the System Configuration section for I/O register address offset.
To set up the port configuration the user is required to:
1. Define I/O port chip select (CSIOP) in the ABEL file.
2. Initialize certain port configuration registers in the user’s program and/or
3. Specify the configuration in the PSD5XX PSDsoft Software.
4. Unused input pins should be tied to VCC or GND.
The following is a description of the operating modes of the I/O ports. The functions of the
port registers are described in later sections.
9.3.1 Standard MCU I/O
The Standard MCU I/O Mode provides additional I/O capability to the microcontroller.
In this mode, the ports can perform standard I/O functions such as sensing or controlling
various external I/O devices. Operation options of this mode are as follows:
t Configuration
1. Declare pins or signals which are used as I/O in the ABEL file (PSDsoft).
2. Set the bit or bits in the Control Register to "1".
3.
As Output Port
– Write output data to Data Out Register
– Set Direction Register to output mode
4.
As Input Port
– Set Direction Register to input mode
– Read input from Data In Register
The port remains an output or input port as long as the Direction Register is not changed.
9.3.2 PLD I/O
The PLD I/O mode enables the port to be configured as an input to the ZPLD, or as an
output from the GPLD macrocell. The output can be tri-stated with a control signal defined
by a product term from the ZPLD. This mode is configured by the user in the PSD5XX
PSDsoft Software, and is enabled upon power up. For a detailed description, see the
section on the ZPLD.
t Configuration
1. Declare pins or signals in the ABEL file (PSDsoft)
2. Write logic equations in the ABEL file.
3. PSDcompiler maps the PLD function to the PSD.
9.3
I/O Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com