Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 97 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 93Page - STMicroelectronics PSD501B1 Datasheet HTML 94Page - STMicroelectronics PSD501B1 Datasheet HTML 95Page - STMicroelectronics PSD501B1 Datasheet HTML 96Page - STMicroelectronics PSD501B1 Datasheet HTML 97Page - STMicroelectronics PSD501B1 Datasheet HTML 98Page - STMicroelectronics PSD501B1 Datasheet HTML 99Page - STMicroelectronics PSD501B1 Datasheet HTML 100Page - STMicroelectronics PSD501B1 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 153 page
background image
PSD5XX Family
94
Counter/Timer
(Cont.)
9.6.2.12 Sample Counter/Timer0 Initialization In PULSE Mode
Following is a sample initialization routine for Counter/Timer0 to operate in PULSE mode.
The assembly language commands do not correspond to any particular microcontroller.
Configure CSIOP for Microcontroller access to Counter/Timer registers and I/O ports for
initialization of Counter/Timers. For the values of each register, refer to Tables 30 and 31.
Use PSDsoft supplied by WSI to configure the portion related to Counter/Timers. Also refer
to the Section on the PSD5XX I/O Ports.
Clear All Counter/Timers
LOAD CNTR0, 0000h
; Clear Counter/Timer 0
LOAD CNTR1, 0000h
; Clear Counter/Timer 1
LOAD CNTR2, 0000h
; Clear Counter/Timer 2
LOAD CNTR3, 0000h
; Clear Counter/Timer 3
Scaling of Clock (common to all Counter/Timers)
LOAD DLCY, 02h
;Delay Cycles(DLCY) = 2, k value is selected in
;Global Register by setting Scale-Bit
Counter/Timer 0 Initialization (Command Register0 CMD0)
LOAD CMD0, 6Fh
;Pulse mode (D0 = 1)
;Increment (D1 = 1)
;Select Counter/Timer (D2 = 1)
;Output Pulse Active High (D3 = 1)
;Load Signal on Input pin High going transition (D4 = 0)
;Input control from PIN (not PPLD macrocell) (D5 = 1)
;Load&Store control activated by Pin (D6 = 0)
;Enable count (D7 = 1)
LOAD IMG0,FFF7h
;Load Counter/Timer0 Image Register with count (pulse width)
;needed (pulse duration of 8 timer clock cycles)
LOAD Special Reg A,1
;Configure PA0 as A timer = 0 output by writing a “1” to Port A
;Special Function Register
Global Register Configuration
LOAD Global, 03h
;Non WatchDog mode
;Pulse mode
;All CTUs enabled
;Scale-Bit = 1
;Input clock is divided by 6
Now if Pin PE3 on port E is input with a high going signal:
t This signal causes Counter/Timer0 to get a value (FFF7h) loaded from its
associated image register (IMG0) and causes the Counter/Timer0 to start counting
from FFF7h (increment) until it overflows and issues a Terminal Count0 (TC0).
t During counting Port A pin (PA0) outputs a high going one-shot pulse with a width
equal to (Max count possible – initial count value loaded, i.e. 8 timer clock cycles
in this example).
t If the interrupt controller is configured to receive TC0, it will cause the interrupt
INT0 to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com