Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 63 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 63 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 59Page - OSRAM GmbH DSE784 Datasheet HTML 60Page - OSRAM GmbH DSE784 Datasheet HTML 61Page - OSRAM GmbH DSE784 Datasheet HTML 62Page - OSRAM GmbH DSE784 Datasheet HTML 63Page - OSRAM GmbH DSE784 Datasheet HTML 64Page - OSRAM GmbH DSE784 Datasheet HTML 65Page - OSRAM GmbH DSE784 Datasheet HTML 66Page - OSRAM GmbH DSE784 Datasheet HTML 67Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
62
6. Accessories
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
6
Accessories
6.1
Bases and
lampholders
OSRAM DULUX® lamps from the various ranges and compatible lamps from other
manufacturers have different bases, some of which are also coded differently. This pre-
vents the wrong type of lamp from being used. Using the wrong lamp in a luminaire
impairs the safety of the system, often constitutes a fire risk and leads in most cases to
premature lamp failure. It is also important, however, to follow the instructions of the
luminaire manufacturer in selecting the right lamp. This applies in particular to cases
where the same base/lampholder system is used for two or more lamps (e.g. GX24q-3
for OSRAM DULUX® T/E 26 W and 32 W, 2G11 for OSRAM DULUX® L 18 W to 80 W
and 2G10 for OSRAM DULUX® F 18 W to 36 W). In the case of OSRAM DULUX® S and
OSRAM DULUX® S/E 5 W to 11 W, there is no need to code the G23 or 2G7 bases
owing to the minimal differences between the wattages.
Lampholders have a dual role in that they supply power to the lamp and hold the lamp
in position. They must also be able to withstand high temperatures. The quality of the
lampholder is therefore an important aspect. Another factor to bear in mind is that the
lampholder must be strong enough to withstand the stresses involved in removing old
lamps and inserting new lamps several times during the lifetime of the luminaire.
The various OSRAM DULUX® bases and their coding are listed below (for diagrams see
2.1 Geometrical data).
Lamp
Base
Starter
Coding
OSRAM DULUX® S 5, 7, 9, 11 W
G23
2-pin
integrated
none
OSRAM DULUX® S/E 5, 7, 9, 11 W 2G7
4-pin
none
none
OSRAM DULUX® D 10, 13 W
G24d-1
2-pin
integrated
1 bar central
OSRAM DULUX® D 18 W
G24d-2
2-pin
integrated
1 bar left
OSRAM DULUX® D 26 W
G24d-3
2-pin
integrated
1 bar right
OSRAM DULUX® D/E 10, 13 W
G24q-1
4-pin
none
1 bar central,
short guidepost 1)
OSRAM DULUX® D/E 18 W
G24q-2
4-pin
none
1 bar left,
short guidepost1)
OSRAM DULUX® D/E 26 W
G24q-3
4-pin
none
1 bar right,
short guidepost1)
OSRAM DULUX® T 13 W
GX24d-1
2-pin
integrated
1 bar central,
compatible with G24d-1
OSRAM DULUX® T 18 W 2)
GX24d-2
2-pin
integrated
1 bar left,
compatible with G24d-2
OSRAM DULUX® T 26 W 2)
GX24d-3
2-pin
integrated
1 bar right,
compatible with G24d-3
OSRAM DULUX® T/E 13 W 2)
GX24q-1
4-pin
none
1 bar central, short
guidepost1)
,
compatible with G24q-1
OSRAM DULUX® T/E 18 W 2)
GX24q-2
4-pin
none
1 bar left, short guidepost1)
,
compatible with G24q-2
OSRAM DULUX® T/E 26 W, 32 W 2) GX24q-3
4-pin
none
1 bar right, short guidepost1)
compatible with G24q-3
OSRAM DULUX® T/E 42 W
GX24q-4
4-pin
none
2 bars central,
short guidepost1)
OSRAM DULUX® T/E 57 W IN
GX24q-5
4-pin
none
1 bar central,
short guidepost
with coding slits
OSRAM DULUX® T/E 70 W IN4)
GX24q-6
4-pin
none
1 bar left, short guidepost
with coding slits
OSRAM DULUX® L 18 3), 24 3), 36,
2G11
4-pin
none
Coding is as per IEC 60901
40, 55, 80 W
in connection with a lamp
holder at the prescribed
distance from the reference
level (see 6.2)
OSRAM DULUX® F 18, 24, 36 W
2G10
4-pin
none
none
1)
Lamps will still fit in old „deep“ holders.
2)
Also for IN model (amalgam)
3)
Also for SP model
4)
In preparation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com