Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 71 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 71 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 67Page - OSRAM GmbH DSE784 Datasheet HTML 68Page - OSRAM GmbH DSE784 Datasheet HTML 69Page - OSRAM GmbH DSE784 Datasheet HTML 70Page - OSRAM GmbH DSE784 Datasheet HTML 71Page - OSRAM GmbH DSE784 Datasheet HTML 72Page - OSRAM GmbH DSE784 Datasheet HTML 73Page - OSRAM GmbH DSE784 Datasheet HTML 74Page - OSRAM GmbH DSE784 Datasheet HTML 75Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
70
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
9.1.3
Luminaires
German
European
International
Electromagnetic compatibility (EMC)
DIN EN
EN 61000-3-2
IEC 1000-3-2
Section 2: Limits for harmonic
61000-3-2
currents emissions (Equipment
(VDE 0838 Teil 2)
input current
≤ 16A per phase)
Capacitors for use in tubular fluores-
DIN EN 61 048
EN 61 048
IEC 1048
cent and other discharge lamp
(VDE 0560 Teil 61)
circuits
General and safety requirements
Capacitors for use in tubular fluores-
DIN EN 61049
EN 61 049
IEC 1049
cent and other discharge lamp
(VDE 0560 Teil 62)
circuits
Performance requirements
Suppression of radio disturbances
DIN EN 55015
EN 55015
CISPR 15
caused by electrical appliances and
VDE 0875 Teil 15
systems; limits and methods of
measurement of radio disturbance
characteristics of electrical lighting
and similar equipment
Equipment for general lighting
DIN EN 61547
EN 61547
IEC 1547
purposes, EMC immunity
requirements
Luminaires
DIN EN 60598
EN 60598
IEC 598
Part 1: General
DIN EN 60598-1
EN 60 598-1
IEC 598-1
requirements and tests
(VDE 0711 Part 1)
Fixed general purpose luminaires
DIN VDE 0711
EN 60 598-2-1
IEC 598-2-1
purpose luminaires
Part 201
Recessed luminaires
DIN VDE 0711
EN 60 598-2-2
IEC 598-2-2
Part 202
Luminaires for road
DIN EN 60 598-2-3
EN 60 598-2-3
IEC 598-2-3
and street lighting
(VDE 0711 Part 203)
Portable general purpose
DIN EN 60 598-2-4
EN 60 598-2-4
IEC 598-2-4
luminaires
(VDE 0711 Part 204)
Floodlights
DIN VDE 0711
EN 60 598-2-5
IEC 598-2-5
Part 205
Luminaires with built-in
DIN EN 60598-2-6
EN 60 598-2-6
IEC 598-2-6
transformers for filament lamps
(VDE 0711 Part 206)
Portable luminaires for garden use
DIN EN 60598-2-7
EN 60 598-2-7
IEC 598-2-7
(VDE 0711 Part 207)
Handlamps
DIN VDE 0711
EN 60 598-2-8
IEC 598-2-8
Part 208
Photo and film luminaires
DIN EN 60 598-2-9
EN 60 598-2-9
IEC 598-2-9
(non-professional)
(VDE 0711 Part 9)
Portable child-appealing
DIN EN 60598-2-10
EN 60 598-2-10
IEC 598-2-10
luminaires
(VDE 0711 Part 210)
Luminaires for stage lighting,
DIN VDE 0711
EN 60 598-2-17
IEC 598-2-17
television and film studios
Part 217
(outdoor and indoor)
The following table shows the most important standards that apply to luminaires.
9. European and international standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com