Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 21Page - OSRAM GmbH DSE784 Datasheet HTML 22Page - OSRAM GmbH DSE784 Datasheet HTML 23Page - OSRAM GmbH DSE784 Datasheet HTML 24Page - OSRAM GmbH DSE784 Datasheet HTML 25Page - OSRAM GmbH DSE784 Datasheet HTML 26Page - OSRAM GmbH DSE784 Datasheet HTML 27Page - OSRAM GmbH DSE784 Datasheet HTML 28Page - OSRAM GmbH DSE784 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
2. Lamp data
24
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.3.5 Factors affecting
colour consistency
There are a number of factors that affect colour consistency and the perception of the
light colour of compact fluorescent lamps.
Iridescence
Iridescence is a property of some anodised reflector finishes which results in a „rain-
bow“ effect when use in conjunction with trichrome phosphors. Since all OSRAM
DULUX® lamps contain trichrome phosphors, this effect caused by the reflector may
be wrongly ascribed to the lamps as „different light colours“.
Ambient temperature
The light colour of trichrome phosphors changes slightly as the ambient temperature
changes because of the relationship between luminous flux and temperature. This is
apparent in applications in which, say, open ceiling luminaires are installed close to
air-condition outlets. In such cases, the light colour may be slightly different from that
of luminaires located further away. This effect can be minimised by coordinating the
air-conditioning system with the lighting system.
Manufacturing tolerances
There may be minimal differences in the light colours of lamps from different manufac-
turers. In applications in which colour consistency is a critical factor, all the lamps in a
particular zone should come from the same manufacturer and should all be replaced
together. If lamps are replaced individually there may be differences in light colour.
Dimming
When fluorescent lamps are dimmed there is a slight reduction in colour temperature.
The colour temperature of a fully dimmed OSRAM DULUX® L 36 W lamp, for example,
is around 150 K lower than that of an undimmed lamp. The colour difference appears
greater to the eye because of the considerable difference in luminance. Even greater
differences may occur temporarily if there is a sharp change in the dimmer setting (see
4.7 and 5.1.4).
Ageing
Generally speaking, there are no changes in colour temperature or shifts in chromati-
city coordinates in the course of a lamp’s service life. However, lamps do suffer a drop
in luminous flux as they age (see 2.4) and it is the resulting difference in luminance
between an old lamp and a new lamp that give the impression of a change in colour
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com