Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 50Page - OSRAM GmbH DSE784 Datasheet HTML 51Page - OSRAM GmbH DSE784 Datasheet HTML 52Page - OSRAM GmbH DSE784 Datasheet HTML 53Page - OSRAM GmbH DSE784 Datasheet HTML 54Page - OSRAM GmbH DSE784 Datasheet HTML 55Page - OSRAM GmbH DSE784 Datasheet HTML 56Page - OSRAM GmbH DSE784 Datasheet HTML 57Page - OSRAM GmbH DSE784 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
53
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
5
Data for control
gear manufacturers
5.1
Electronic
operation
5.1.1 Preheating
(ECG operation)
Fluorescent lamps and compact fluorescent lamps cannot be operated directly from
the mains supply; they need a control gear. This may be integrated in the lamp (as in
the case of OSRAM DULUX® EL lamps) or may take the form of an external unit
connected between the lamp and the mains outlet (as with all CFLs with pin bases).
Models with two-pin bases are designed to operate with conventional control gear;
lamps with four-pin bases are designed to operate with electronic control gear (high
frequency operation). In either case, the operating data of the control gear must be
tailored to the lamp data.
The advantages of high-frequency operation are greater economy, longer lamp life,
greater switching resistance and more comfortable light than it is the case with
choke/starter circuits. To make best use of these advantages, however, it is important
to ensure that the permissible operating data listed below for preheating, igniting and
operating the lamps maintained. The values in the table apply to an operating fre-
quency of 25 kHz and a sinusoidal voltage (crest factor 1.4) during operation with no
ignition aids.
Starting lamps with filament preheating (warm start) is recommended by OSRAM as
the standard starting procedure. In a warm start, the electrodes are heated by a pre-
heating current with energy Qpreheat to the emission temperature before the lamp is
ignited.
The necessary or permissible preheating current is determined by the design of the
electrodes and the preheating time tpreheat selected. Preheating times of less than
0.4 s are generally not permissible for compact fluorescent lamps. This is because
with such short times it is impossible to ensure sufficiently uniform heating along the
entire length of the electrode.
The minimum and maximum permitted preheating energy can be calculated using the
parameters in the following table for various preheating times. Violating these limit
values will cause blackening around the electrodes and shorter lamp life, particular if
the lamp is switched on and off frequently. Compliance with the prescribed limits is
tested on control gear using an equivalent resistor Rsub which is connected to the
control gear instead of the lamp electrodes. The energy fed into this resistor is
measured over the selected preheating time. For the testing of the minimum limit
Qpreheat, min a substitution resistor Rsub min is used. For the maximum limit (correspond
with a higher electrode resistance) a substitution resistor Rsub max is used.
Rsub max is separately defined, the rule of thumb Rsub max = 4/3. Rsub min is in force.
The minimum and maximum value of the preheat energy is calculated by
Q preheat, min = Q + Pt preheat
Q preheat, max = 2 · Q preheat, min
If electrode preheating is carried out with a constant current Ipreheat or constant
voltage Upreheat the necessary current or voltage can be calculated as follows:
Upreheat, constant =
QR sub
+ PR
sub
t preheat
I preheat, constant =
Q
+
P
Rsubt preheat
Rsub
5. Data for control gear manufacturers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com