Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 7Page - OSRAM GmbH DSE784 Datasheet HTML 8Page - OSRAM GmbH DSE784 Datasheet HTML 9Page - OSRAM GmbH DSE784 Datasheet HTML 10Page - OSRAM GmbH DSE784 Datasheet HTML 11Page - OSRAM GmbH DSE784 Datasheet HTML 12Page - OSRAM GmbH DSE784 Datasheet HTML 13Page - OSRAM GmbH DSE784 Datasheet HTML 14Page - OSRAM GmbH DSE784 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
10
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
1. General
1.4.1 Radio interference
suppression
Even if used with conventional control gear (50/60 Hz), gas discharge lamps generate
electromagnetic radiation in the HF range. This radiation has such a low energy, how-
ever, that radio and television transmissions are normally not affected. The HF energy is
dissipated as radiation and via cables. The radiated energy decreases so rapidly with
distance (1/r2) that the radiation component about one metre from the source is lower
than the level of ambient noise.
To prevent interference being carried over the cables, OSRAM DULUX® lamps with
two-pin bases have built-in interference suppression capacitors:
An interference suppression capacitor is also built into the external starter used for
lamps with four-pin bases that are being operated on conventional control gear. In the
case of electronic control gear, ECG manufacturers are responsible for ensuring that
their products meet the relevant radio interference suppression requirements (CISPR 15
or EN 55015). In addition, interference suppression will also depend on the way in
which cables are routed in the luminaire; this factor may be quite considerable. The
luminaire manufacturer must ensure that the luminaire has adequate radio interference
suppression.
If an additional interference suppression capacitor is installed in the luminaire, ensure
that it is parallel with the mains and not with the lamp.
Lamps with two-pin bases
Interference suppression capacitor
nF
OSRAM DULUX® S
5 W, 7 W, 9 W, 11 W
3,3
OSRAM DULUX® D 10 W, 13 W
3,3
OSRAM DULUX® D 18 W, 26 W
1,2
OSRAM DULUX® T 13 W
3,3
OSRAM DULUX® T 18 W, 26 W1)
1,2
1)
Also for the IN version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com