Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 36Page - OSRAM GmbH DSE784 Datasheet HTML 37Page - OSRAM GmbH DSE784 Datasheet HTML 38Page - OSRAM GmbH DSE784 Datasheet HTML 39Page - OSRAM GmbH DSE784 Datasheet HTML 40Page - OSRAM GmbH DSE784 Datasheet HTML 41Page - OSRAM GmbH DSE784 Datasheet HTML 42Page - OSRAM GmbH DSE784 Datasheet HTML 43Page - OSRAM GmbH DSE784 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
3. Circuits
39
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
3.3
Operating on
dc sources
Compact fluorescent lamps cannot be operated from DC sources with conven-
tional control gear.
Most ECGs are DC-compatible. The dc voltage must be around the rated mains volta-
ge of 230 V. See information supplied by ECG manufacturers.
Special ECGs such as OSRAM ACCUTRONIC ® are available which allow OSRAM
DULUX® S/E, D/E, T/E, L and F lamps to be operated from DC sources which do not
correspond to rated mains voltages (such as the 12 V, 24 V or 48 V sources found in
emergency lighting systems, vehicles and caravans).
In these cases, power is supplied by a battery or batteries. In continuous operation,
the dc voltage must not drop below 11 V (AT 7-9/12 L) or 23 V (AT 7-9/24 L) otherwise
the lamps will be constantly operating in underload mode. This will damage the lamp
electrodes (sputter effect at the electrode).
Manufacturers of suitable control gear for different lamp wattages and battery volta-
ges are listed in 10.2 and 10.3.
Changeover units (emergency luminaires with internal changeovers, known as battery
packs) are offered. These feed the lamps directly on emergency power supply and
interrupt the system circuit between the CCG or ECG and the lamps. These change-
over units for emergency lighting must reliably comply with the parameters for prehea-
ting and for operating the lamps. If operated continously, control gear for emergency
lighting can generate a dc component that may damage the lamp electrodes (under-
load operation of the lamps). This underload operation with a DC component causes
electrophoresis in the lamp. As a result, the mercury migrates from one electrode to
another if the lamp is operated continously. This greatly reduces the life of the lamp. In
this case, OSRAM therefore cannot guarantee the life of the lamp.
3.3.1 Suitable OSRAM
ECGs for DC
operation
OSRAM offers the following ECGs under the ACCUTRONIC® name for dc operation.
(See Lighting Programme).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com