Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 33Page - OSRAM GmbH DSE784 Datasheet HTML 34Page - OSRAM GmbH DSE784 Datasheet HTML 35Page - OSRAM GmbH DSE784 Datasheet HTML 36Page - OSRAM GmbH DSE784 Datasheet HTML 37Page - OSRAM GmbH DSE784 Datasheet HTML 38Page - OSRAM GmbH DSE784 Datasheet HTML 39Page - OSRAM GmbH DSE784 Datasheet HTML 40Page - OSRAM GmbH DSE784 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
3. Circuits
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
OSRAM DULUX® lamps should be operated only with suitable control gear. If the con-
trol gear has a too high rating the lamps will be overloaded by an excessively high
current, which may shorten their life and an overheating of the lamp cap. If, however,
the gear has too low a rating the lamps will not be supplied with enough current; this
may damage the lamp and therefore again shorten its life. Normally, if the lamps are
underloaded in this way, the glow starter will also be made to operate as a result of
excessive increase in lamp voltage.
The following table provides a summary of suitable conventional control gear, together
with system data.
3.2.1 Permissible lamp/
CCG combinations
and system data
1)
Approximate values for low-loss gear, depending on the particular unit
2)
While 2 x OSRAM DULUX® 5 W and 7 W can be operated in series with suitable control gear on 200 V and
higher, a supply voltage of at least 220 V is needed for 2 x OSRAM DULUX® 9 W in series.
Conventional control gear for L 13 W can also be used for 2 x OSRAM DULUX® 5 W, 2 x 7 W and 2 x 9 W
in series provided a preheating current of 240 mA is maintained under limit conditions.
Control gear for series circuits must not be used for OSRAM DULUX® S lamps in single circuits.
3)
With this combination, however, there are considerable restrictions regarding the life of the lamps.
It is not possible to connect 2 x OSRAM DULUX® D or OSRAM DULUX® T in series
using a choke. It is not possible to connect 2 x OSRAM DULUX® S 11 W, 2 x OSRAM
DULUX® L and F 24 W and 36 W in series because the arc voltage is too high.
36
Lamp
CCG
Lumi-
Sys-
System
System
nous
tem
wattage
luminous
flux
loss1)
efficacy
Im
W
W
Im/W
OSRAM DULUX® S 5 W
5-11W / KLL (155-180 mA)
250
4.5
9.9
25
OSRAM DULUX® S 7 W
5-11W / KLL (155-180 mA)
400
4.0
11.1
36
OSRAM DULUX® S 9 W
5-11W / KLL (155-180 mA)
600
4.0
12.7
47
OSRAM DULUX® S 11 W
5-11W / KLL (155-180 mA)
900
3.5
15.3
59
2x OSRAM DULUX® S 5 W
10-13W / KLL (165-180 mA)2) 500
5.0
15.8
32
2x OSRAM DULUX® S 7 W
10-13W / KLL (165-180 mA)2) 800
4.0
18.2
44
2x OSRAM DULUX® S 9 W
10-13W / KLL (165-180 mA)2) 950
5.0
22.4
42
OSRAM DULUX® D 10 W
10-13W / KLL (165-180 mA)
600
5.0
15.0
40
OSRAM DULUX® D 13 W
10-13W / KLL (165-180 mA)
900
4.0
17.0
53
OSRAM DULUX® D 18 W
18W / KLL (220 mA)
1200
5.0
23.0
52
OSRAM DULUX® D 26 W
24-26W / KLL (315 mA)
1800
4.5
30.5
59
also 18W/LLp (370 mA)3)
1800
OSRAM DULUX® T 13 W
10-13W / KLL (165-180 mA)
900
4.0
17.0
53
OSRAM DULUX® T 18 W (IN) 18W / KLL (220 mA)
1200
5.0
23.0
52
OSRAM DULUX® T 26 W (IN) 24-26W / KLL (315 mA)
1800
4.5
31.0
58
also 18W/LLp (370 mA)3)
1800
OSRAM DULUX® L 18 W
18W / LLp (370 mA)
1200
6.0
24.0
50
OSRAM DULUX® L 24 W
24-26W/KLL (315 mA)
1800
also 18W / LLp (370 mA)3)
1800
5.5
29.5
61
OSRAM DULUX® L 36 W
36W / LLp (430 mA)
2900
6.5
42.5
68
2 x OSRAM DULUX® L 18 W 36W / LLp (430 mA)3)
2500
6.5
42.5
59
OSRAM DULUX® F 18 W
18W / LLp (370 mA)
1100
6.0
24.0
46
OSRAM DULUX® F 24 W
24-26W / KLL (315 mA)
1700
also 18W / LLp (370 mA)3)
1700
5.0
29.0
59
OSRAM DULUX® F 36 W
36W / LLp (430 mA)
2800
6.5
42.5
66
2 x OSRAM DULUX® F 18 W 36W / LLp (430 mA)3)
2300
6.0
42.0
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com