Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 28Page - OSRAM GmbH DSE784 Datasheet HTML 29Page - OSRAM GmbH DSE784 Datasheet HTML 30Page - OSRAM GmbH DSE784 Datasheet HTML 31Page - OSRAM GmbH DSE784 Datasheet HTML 32Page - OSRAM GmbH DSE784 Datasheet HTML 33Page - OSRAM GmbH DSE784 Datasheet HTML 34Page - OSRAM GmbH DSE784 Datasheet HTML 35Page - OSRAM GmbH DSE784 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2. Lamp data
31
2.4.1 Definitions
There are several definitions of lamp life and these are applied differently depending
on the type of lamp, the lamp manufacturer and the geographical region. The most
important definitions for compact fluorescent lamps are given below.
Lamp life is the period of time during which a lamp can be operated until it is un-
usable (electrical failure, too little light).
Average rated lamp life is the average value of the life values of individual lamps
operated under standardised conditions (50 % failure). In other words, this is the
period of time in which for a standardised 3-hour switching cycle (165 minutes on/15
minutes off in accordance with IEC 60901) 50 % of the lamps fail.
OSRAM DULUX® lamps
Average rated lamp life
OSRAM DULUX® S, D and T,
8.000 h
OSRAM DULUX® S/E, D/E and T/E with CCG
OSRAM DULUX® S/E, D/E and T/E with ECG
10.000 h
OSRAM DULUX® L and F with CCG
8.000 h
OSRAM DULUX® L and F with ECG
10.000 h
Typical failure distributions are shown in mortality curves.
Because of chemical changes in the phosphor, the luminous flux of a fluorescent lamp
decreases as the lamp ages. The term „maintenance“ is used to indicate how well
luminous flux is retained throughout the life of the lamp. The loss of luminous flux for
the trichrome phosphors (LUMILUX®) used in OSRAM DULUX® lamps is around 15 %.
The mortality and luminous flux curves for OSRAM DULUX® lamps are shown on the
following pages.
2.4
Lamp life and
loss of
luminous flux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com