Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 27Page - OSRAM GmbH DSE784 Datasheet HTML 28Page - OSRAM GmbH DSE784 Datasheet HTML 29Page - OSRAM GmbH DSE784 Datasheet HTML 30Page - OSRAM GmbH DSE784 Datasheet HTML 31Page - OSRAM GmbH DSE784 Datasheet HTML 32Page - OSRAM GmbH DSE784 Datasheet HTML 33Page - OSRAM GmbH DSE784 Datasheet HTML 34Page - OSRAM GmbH DSE784 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
2. Lamp data
30
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.3.10 Luminance of
OSRAM DULUX®
lamps
Lamp
Average luminance1)
cd/cm2
OSRAM DULUX® S and S/E 5W
2.5
OSRAM DULUX® S and S/E 7W
2.6
OSRAM DULUX® S and S/E 9W
2.8
OSRAM DULUX® S and S/E 11W
2.7
OSRAM DULUX® D and D/E 10W
4.0
OSRAM DULUX® D and D/E 13W
4.0
OSRAM DULUX® D and D/E 18W
4.5
OSRAM DULUX® D and D/E 26W
5.5
OSRAM DULUX® T and T/E 13W
4.2
OSRAM DULUX® T and T/E 18W 2)
4.7
OSRAM DULUX® T and T/E 26W 2)
6.0
OSRAM DULUX® T/E 32W 2)
6.5
OSRAM DULUX® T/E 42W 2)
7.0
OSRAM DULUX® T/E 57W IN
7.0
OSRAM DULUX® T/E 70W IN3)
7.0
OSRAM DULUX® L 18W
2.1
OSRAM DULUX® L 24W
2.1
OSRAM DULUX® L 36W
2.8
OSRAM DULUX® L 40W
2.3
OSRAM DULUX® L 55W
3.2
OSRAM DULUX® L 80W
3.2
OSRAM DULUX® F 18W
2.4
OSRAM DULUX® F 24W
2.5
OSRAM DULUX® F 36W
3.0
1)
For colours 840 LUMILUX® Cool White, 830 LUMILUX® Warm White and 827 LUMILUX INTERNA®
2)
Also for „IN“ models
The luminance values shown in the following table are reference values only:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com