Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 51 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 51 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 47Page - OSRAM GmbH DSE784 Datasheet HTML 48Page - OSRAM GmbH DSE784 Datasheet HTML 49Page - OSRAM GmbH DSE784 Datasheet HTML 50Page - OSRAM GmbH DSE784 Datasheet HTML 51Page - OSRAM GmbH DSE784 Datasheet HTML 52Page - OSRAM GmbH DSE784 Datasheet HTML 53Page - OSRAM GmbH DSE784 Datasheet HTML 54Page - OSRAM GmbH DSE784 Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
50
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
4. Operating characteristics
The technical requirements for dimming also apply to amalgam lamps without restric-
tions. Note also that the chemical activity of the amalgam causes a delayed reaction of
the lamp with regard to changes in power. This generally occurs with visible differences
from one lamp to another. When amalgam lamps are dimmed there may therefore be
noticeable differences in brightness and colour perception between lamps of the same
type, even if they are operated under identical conditions.
The luminous flux of free-burning OSRAM DULUX® IN lamps stabilises at 100 % after
15 to 30 minutes. In the case of OSRAM DULUX® lamps without amalgam the lumi-
nous flux stabilises within less than 10 minutes.
These differences in brightness between amalgam lamps of the same wattage can also
occur if the lamps are operated in luminaires with different volumes. In such cases the
different temperatures within the luminaires have an effect.
Amalgam lamps can however be dimmed, with the restrictions mentioned above.
If the lamps are stored or left off for a long period of time (> 20 hours) the mercury may
migrate into the amalgam. At low dimmer settings and ambient temperatures there is
then the possibility that the lamp will produce only very low light output (Hg-free stage,
burning pink). This is caused by a too low discharge temperature (Hg).
The solution is to allow the lamp to operate for about 5 minutes at full output and then
to dim it (no damage to the lamp).
For optimum operation, new lamps should be aged for 100 hours at full output before
they are dimmed for the first time.
4.7.1 Dimming of OSRAM
DULUX®.../E IN
amalgam lamps
Important notes regarding the dimming of compact lamps with and without amalgam:
• For optimum operation, new lamps should be aged for 100 hours at full output
before they are dimmed for the first time.
• Amalgam lamps react more slowly than lamps without amalgam. For this reason it is
best not to mix the two types in a system.
• Colour temperature differences of around 150 K are noticeable between dimmed
(3 % luminous flux) and undimmed lamps (100 % luminous flux).
• When the lamps are dimmed to the lowest dimmer setting (3 % luminous flux) the
colour temperature shift compared with undimmed lamps is initially around 500 K.
After a stabilization period of 30 to 40 minutes (amalgam lamps) and 20 to
30 minutes (for lamps without amalgam) this reduces to about 150 K.
4.7
Dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com