Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE784 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 49Page - OSRAM GmbH DSE784 Datasheet HTML 50Page - OSRAM GmbH DSE784 Datasheet HTML 51Page - OSRAM GmbH DSE784 Datasheet HTML 52Page - OSRAM GmbH DSE784 Datasheet HTML 53Page - OSRAM GmbH DSE784 Datasheet HTML 54Page - OSRAM GmbH DSE784 Datasheet HTML 55Page - OSRAM GmbH DSE784 Datasheet HTML 56Page - OSRAM GmbH DSE784 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
4. Operating characteristics
52
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
The following table shows the permitted maximum temperatures on OSRAM DULUX®
lamps. Exceeding one or more of the maximum values specified here will lead to:
• a noticeable reduction in lamp life
• and/or damage to the CCG or ECG
• and/or damage to the lamp base and the luminaire holder.
In the case of OSRAM DULUX® S, D, T (without amalgam), L and F the limit value of
100 ºC at measuring point 3 (cold spot) should not be exceeded. Exceeding this limit
value may cause the lamp to fail.
At cold spot temperatures above the optimum (see table 4.8) there are changes in the
electrical and photometric data of the lamps (the luminous flux is no longer at 100 %).
The limit value at measuring point 1 is 140 ºC for OSRAM DULUX® lamps with and
without amalgam. This maximum value was defined as part of the IEC standard for
safety reasons. Exceeding this value leads to softening of the plastic base and dis-
colouration of the base material.
4.8.1 Maximum
temperatures for
DULUX®-Lamps
Measuring point
0
1
2(1)
3(2)
limit values
As per
As per
EN 60901
EN 61199
OSRAM DULUX® 2-pin (CCG operation)
90 °C
140 °C
190 °C
100 °C
OSRAM DULUX® 4-pin (ECG operation)
–
140 °C
190 °C
100 °C
OSRAM DULUX® IN 2-pin (CCG operation)
90 °C
140 °C
190 °C
–
OSRAM DULUX® IN 4-pin (ECG operation)
–
140 °C
190 °C
–
1) Measuring point 2 on the glass tube near to the filament is the hottest point on the lamp.
Measurements are taken 5 mm from the edge of the base.
2) Maximum limit value of the mercury vapour pressure (see 1.4)
On amalgam lamps (OSRAM DULUX® T and T/E...IN), the cold spots are not at the bend
in the lamp but in the lower half of the discharge tube inside the base. As far as the
luminous flux/temperature curve is concerned, it is not the value at measuring point 3
that is relevant but at the amalgam measuring point inside the base. The optimum
amalgam temperature at the measuring point (amalgam reservoir) is between 85 ºC and
115 ºC. This temperature can be measured only with specially prepared lamps.
Undershooting or overshooting the temperature range will lead to a reduction in lamp
power and luminous flux.
Measuring point 1 (IEC measuring point) is not relevant for determining the amalgam
temperature and should not be used for this purpose.
In addition, any information from ECG manufacturers regarding the permissible limit
values at temperature measuring point Tc on the ECG must be observed. If these limit
values are exceeded the life of the ECG will be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com